Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 30Page - Texas Instruments TUSB7340 Datasheet HTML 31Page - Texas Instruments TUSB7340 Datasheet HTML 32Page - Texas Instruments TUSB7340 Datasheet HTML 33Page - Texas Instruments TUSB7340 Datasheet HTML 34Page - Texas Instruments TUSB7340 Datasheet HTML 35Page - Texas Instruments TUSB7340 Datasheet HTML 36Page - Texas Instruments TUSB7340 Datasheet HTML 37Page - Texas Instruments TUSB7340 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
7.5.1.29 Next Item Pointer Register
The contents of this read-only register indicate the next item in the linked list of capabilities for the TUSB73X0.
This register reads 70h pointing to the PCI Express Capability registers.
PCI register offset: 49h
Register type: Read-only
Default value: 70h
Table 42. PCI Register 49h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
1
1
0
0
0
0
7.5.1.30 MSI Message Control Register
The register is used to control the sending of MSI messages.
PCI register offset: 4Ah
Register type: Read/Write, Read-only
Default value: 0086h
Table 43. PCI Register 4Ah
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
1
0
0
0
0
1
1
0
State
Table 44. MSI Message Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:8
RSVD
r
Reserved. Returns zeros when read.
Per-vector Masking Capable. This bit is read only 0 indicating that the
8
PVM_CAP
r
TUSB73X0 does not support per-vector masking.
64 Bit Message Capability. This bit is read only 1 indicating that the
7
64CAP
r
TUSB73X0 supports 64 bit MSI message addressing.
Multiple Message Enable. This bit indicates the number of distinct
messages that the TUSB73X0 is allowed to generate.
000 – 1 Message (All interrupters mapped to the same message)
001 – 2 Messages (Interrupters 0, 2, 4, and 6 mapped to message 0 and
Interrupters 1, 3, 5, and 7 mapped to message 1)
010 – 4 Messages (Interrupters 0 and 4 mapped to message 0,
6:4
MM_EN
rw
Interrupters 1 and 5 mapped to message 1, Interrupters 2 and 6 mapped
to message 2, Interrupters 3 and 7 mapped to message 3)
011 – 8 Messages (Interrupter # mapped to corresponding message #)
100 – 16 Messages (Interrupter # mapped to corresponding message #)
101 – 32 Messages (Interrupter # mapped to corresponding message #)
110 – Reserved111 – Reserved
Multiple Message Capabilities. This field indicates the number of distinct
3:1
MM_CAP
r
messages that TUSB73X0 is capable of generating. This field is read
only 011 indicating that the TUSB73X0 can signal 8 distinct messages.
MSI Enable. This bit is used to enable MSI interrupt signaling. MSI
signaling must be enabled by software for the TUSB73X0 to signal an
0
MSI_EN
rw
MSI
0 – MSI signaling is prohibited
1 – MSI signaling is enabled
34
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com