Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 55Page - Texas Instruments TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
Table 110. Custom PHY Transmit/Receive Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:27
RSVD
r
Reserved. Returns zeros when read.
Port 4 Equalization Override. When this bit is set to 1, the TUSB73X0
overrides the default equalization settings for port 4 with the values in the
26
PORT4_EQ_OV(1)
rw
PORT4_EQ_FUNC field and the PORT4_EQ_INIT field of the Equalizer
Control Register. For the TUSB7320 Port 4 is not present and this bit has
no effect.
Port 4 Swing Override. When this bit is set to 1, the TUSB73X0 overrides
the default swing settings for port 4 with the values in the
25
PORT4_SWING_OV(1)
rw
PORT4_SWING field of the Deemphasis and Swing Control Register.
For the TUSB7320 Port 4 is not present and this bit has no effect.
Port 4 Deemphasis Override. When this bit is set to 1, the TUSB73X0
overrides the default de-emphasis settings for port 4 with the values in
24
PORT4_DE_OV(1)
rw
the PORT4_DE field of the Deemphasis and Swing Control Register. For
the TUSB7320 Port 4 is not present and this bit has no effect.
23:19
RSVD
r
Reserved. Returns zeros when read.
Port 3 Equalization Override. When this bit is set to 1, the TUSB73X0
overrides the default equalization settings for port 3 with the values in the
18
PORT3_EQ_OV(1)
rw
PORT3_EQ_FUNC field and the PORT3_EQ_INIT field of the Equalizer
Control Register. For the TUSB7320 Port 3 is not present and this bit has
no effect.
Port 3 Swing Override. When this bit is set to 1, the TUSB73X0 overrides
the default swing settings for port 3 with the values in the
17
PORT3_SWING_OV(1)
rw
PORT3_SWING field of the Deemphasis and Swing Control Register.
For the TUSB7320 Port 3 is not present and this bit has no effect.
Port 3 Deemphasis Override. When this bit is set to 1, the TUSB73X0
overrides the default de-emphasis settings for port 3 with the values in
16
PORT3_DE_OV(1)
rw
the PORT3_DE field of the Deemphasis and Swing Control Register. For
the TUSB7320 Port 3 is not present and this bit has no effect.
15:11
RSVD
r
Reserved. Returns zeros when read.
Port 2 Equalization Override. When this bit is set to 1, the TUSB73X0
overrides the default equalization settings for port 2 with the values in the
10
PORT2_EQ_OV(1)
rw
PORT2_EQ_FUNC field and the PORT2_EQ_INIT field of the Equalizer
Control Register.
Port 2 Swing Override. When this bit is set to 1, the TUSB73X0 overrides
9
PORT2_SWING_OV(1)
rw
the default swing settings for port 2 with the values in the
PORT2_SWING field of the Deemphasis and Swing Control Register.
Port 2 Deemphasis Override. When this bit is set to 1, the TUSB73X0
8
PORT2_DE_OV(1)
rw
overrides the default de-emphasis settings for port 2 with the values in
the PORT2_DE field of the Deemphasis and Swing Control Register.
7:3
RSVD
r
Reserved. Returns zeros when read.
Port 1 Equalization Override. When this bit is set to 1, the TUSB73X0
overrides the default equalization settings for port 1 with the values in the
2
PORT1_EQ_OV(1)
rw
PORT1_EQ_FUNC field and the PORT1_EQ_INIT field of the Equalizer
Control Register.
Port 1 Swing Override. When this bit is set to 1, the TUSB73X0 overrides
1
PORT1_SWING_OV(1)
rw
the default swing settings for port 1 with the values in the
PORT1_SWING field of the Deemphasis and Swing Control Register.
Port 1 Deemphasis Override. When this bit is set to 1, the TUSB73X0
0
PORT1_DE_OV(1)
rw
overrides the default de-emphasis settings for port 1 with the values in
the PORT1_DE field of the Deemphasis and Swing Control Register.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com