Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 25Page - Texas Instruments TUSB7340 Datasheet HTML 26Page - Texas Instruments TUSB7340 Datasheet HTML 27Page - Texas Instruments TUSB7340 Datasheet HTML 28Page - Texas Instruments TUSB7340 Datasheet HTML 29Page - Texas Instruments TUSB7340 Datasheet HTML 30Page - Texas Instruments TUSB7340 Datasheet HTML 31Page - Texas Instruments TUSB7340 Datasheet HTML 32Page - Texas Instruments TUSB7340 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.1.18 Interrupt Line Register
This read/write register is programmed by the system and indicates to the software which interrupt line the
TUSB73X0 has been assigned. The default value of this register is FFh, indicating that an interrupt line has not
yet been assigned to the function
PCI register offset: 3Ch
Register type: Read-only
Default value: FFh
Table 29. PCI Register 3Ch
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
1
1
1
1
1
1
1
7.5.1.19 Interrupt Pin Register
The Interrupt Pin register is read-only 01h indicating that the TUSB73X0 uses INTA.
PCI register offset: 3Dh
Register type: Read-only
Default value: 01h
Table 30. PCI Register 3Dh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
1
7.5.1.20 Min Grant Register
This read-only register has no meaningful context for a PCI Express device and returns zeros when read.
PCI register offset: 3Eh
Register type: Read-only
Default value: 00h
Table 31. PCI Register 3Eh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
7.5.1.21 Max Latency Register
This read-only register has no meaningful context for a PCI Express device and returns zeros when read.
PCI register offset: 3Fh
Register type: Read-only
Default value: 00h
Table 32. PCI Register 3Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com