Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 24Page - Texas Instruments TUSB7340 Datasheet HTML 25Page - Texas Instruments TUSB7340 Datasheet HTML 26Page - Texas Instruments TUSB7340 Datasheet HTML 27Page - Texas Instruments TUSB7340 Datasheet HTML 28Page - Texas Instruments TUSB7340 Datasheet HTML 29Page - Texas Instruments TUSB7340 Datasheet HTML 30Page - Texas Instruments TUSB7340 Datasheet HTML 31Page - Texas Instruments TUSB7340 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
7.5.1.15 Subsystem Vendor ID Register
This register, which is used for system and option card identification purposes, may be required for certain
operating systems. This read-only register is a direct reflection of the Subsystem Access register, which is
read/write and is initialized through the EEPROM (if present) or can be written through the Subsystem Alias
Register at PCI Offset D0h.
PCI register offset: 2Ch
Register type: Read-only
Default value: 0000h
Table 26. PCI Register 2Ch
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
7.5.1.16 Subsystem ID Register
This register, which is used for system and option card identification purposes, may be required for certain
operating systems. This read-only register is a direct reflection of the Subsystem Access register, which is
read/write and is initialized through the EEPROM (if present) or can be written through the Subsystem Alias
Register at PCI Offset D0h.
PCI register offset: 2Eh
Register type: Read-only
Default value: 0000h
Table 27. PCI Register 2Eh
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
7.5.1.17 Capabilities Pointer Register
This read-only register provides a pointer into the PCI configuration header where the PCI power management
block resides. Because the PCI power management registers begin at 40h, this register is hardwired to 40h.
PCI register offset: 34h
Register type: Read-only
Default value: 40h
Table 28. PCI Register 34h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
0
0
0
0
0
0
28
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com