Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 75Page - Texas Instruments TUSB7340 Datasheet HTML 76Page - Texas Instruments TUSB7340 Datasheet HTML 77Page - Texas Instruments TUSB7340 Datasheet HTML 78Page - Texas Instruments TUSB7340 Datasheet HTML 79Page - Texas Instruments TUSB7340 Datasheet HTML 80Page - Texas Instruments TUSB7340 Datasheet HTML 81Page - Texas Instruments TUSB7340 Datasheet HTML 82Page - Texas Instruments TUSB7340 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.3.3.8
Configure Register
This register defines runtime xHC configuration parameters.
Operational Base register offset: 38h
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 159. HC Operational Register (Operational Base + 38h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 160. Configure Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:8
RSVD
r
Reserved. Returns zeros when read.
7:0
MAX_SLOTS_EN
rw
Max Device Slots Enabled.
7.5.3.3.9
Port Status and Control Register
The TUSB73X0 implements a Port Status and Control Register for each port that is implemented. The number of
Port Status and Control Registers is the same as the value in the MAX_PORTS field in the Host Controller
Structural Parameters 1 Register (see Host Controller Structural Parameters 1).
Operational Base register offset: 400h + (10h × (n-1))), where n = Port Number
Register type: Read-Only, Read/Write, Read/Clear
Default value: X000 02A0h
Table 161. HC Operational Register (Operational Base + 400h + (10h × (n-1))), where n = Port Number
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
x
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
1
0
1
0
1
0
0
0
0
0
State
Table 162. Port Status and Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Warm Port Reset. This field is only valid for USB 3.0 protocol ports. For
31
WPR(1)
rc or r
USB 2.0 protocol ports, this bit is reserved.
Device Removable. The value of this bit depends on the value
programmed into the USBx_PORTy_NON_REM bit in the USB Control
30
DR
r
Register that corresponds to the port number and port type associated
with this register.
29:28
RSVD
r
Reserved. Returns zeros when read.
27
WOE(1)
rw
Wake on Overcurrent Enable.
(1)
This bit is a sticky bit and is reset by a global reset (GRST) or the internally-generated poweron reset.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com