Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 65Page - Texas Instruments TUSB7340 Datasheet HTML 66Page - Texas Instruments TUSB7340 Datasheet HTML 67Page - Texas Instruments TUSB7340 Datasheet HTML 68Page - Texas Instruments TUSB7340 Datasheet HTML 69Page - Texas Instruments TUSB7340 Datasheet HTML 70Page - Texas Instruments TUSB7340 Datasheet HTML 71Page - Texas Instruments TUSB7340 Datasheet HTML 72Page - Texas Instruments TUSB7340 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
Table 131. xHCI Register Map (continued)
REGISTER NAME
OFFSET
xHCI Extended Capabilities Registers
9C0h-9EBh
Reserved
9ECh-FFFFFh
7.5.3.2 Host Controller Capability Registers
These registers specify the limits and capabilities of the TUSB7340. The offset in then table is from the address
programmed into the Base Address Register 0.
Table 132. Host Controller Capability Register Map
REGISTER NAME
OFFSET
HC Interface Version
Reserved
Capability Length
00h
HC Structural Parameters 1
04h
HC Structural Parameters 2
08h
HC Structural Parameters 3
0Ch
HC Capability Parameters
10h
Doorbell Offset
14h
Runtime Register Space Offset
18h
Reserved
1Ch-1Fh
7.5.3.2.1
Capability Registers Length
This read only register returns 20h when read to indicate that the beginning of the Operational Register Space is
at an offset of 20h from the address programmed into the Base Address Register 0.
BAR0 register offset: 00h
Register type: Read-Only
Default value: 0020h
Table 133. HC Capability Register 00h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
State
7.5.3.2.2
Host Controller Interface Version Number
This read only register indicates the xHCI specification revision number supported by the TUSB73X0.
BAR0 register offset: 02h
Register type: Read-Only
Default value: 0096h
Table 134. HC Capability Register 02h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
1
0
0
1
0
1
1
0
State
7.5.3.2.3
Host Controller Structural Parameters 1
This read only register defines basic structural parameters supported by the TUSB73X0.
BAR0 register offset: 04h
Register type: Read-Only
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com