Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 42Page - Texas Instruments TUSB7340 Datasheet HTML 43Page - Texas Instruments TUSB7340 Datasheet HTML 44Page - Texas Instruments TUSB7340 Datasheet HTML 45Page - Texas Instruments TUSB7340 Datasheet HTML 46Page - Texas Instruments TUSB7340 Datasheet HTML 47Page - Texas Instruments TUSB7340 Datasheet HTML 48Page - Texas Instruments TUSB7340 Datasheet HTML 49Page - Texas Instruments TUSB7340 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
7.5.1.50 Serial Bus Index Register
The value written to the Serial Bus Index register represents the byte address of the byte being read or written
from the serial bus device. The Serial Bus Index register must be written before the before initiating a serial bus
cycle by writing to the Serial Bus Slave Address register. This register is reset by a PCI Express reset (PERST#),
a GRST#, or the internally-generated power-on reset.
PCI register offset: B1h
Register type: Read/Write
Default value: 00h
Table 78. PCI Register B1h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
7.5.1.51 Serial Bus Slave Address Regsiter
The Serial Bus Slave Address register is used to indicate the address of the device being targeted by the serial
bus cycle. This register also indicates if the cycle will be a read or a write cycle. Writing to this register initiates
the cycle on the serial interface. This register is reset by a PCI Express reset (PERST#), a GRST#, or the
internally-generated power-on reset.
PCI register offset: B2h
Register type: Read/Write
Default value: 00h
Table 79. PCI Register B2h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 80. Serial Bus Slave Address Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Serial Bus Slave Address. This bit field represents the slave address of a
7:1
SLAVE_ADDR(1)
rw
read or write transaction on the serial interface.
Read/Write Command. This bit is used to determine if the serial bus
cycle will be a read or a write cycle.
0
RW_CMD(1)
rw
0 – A single byte write is requested.
1 – A single byte read is requested.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
46
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com