Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 43Page - Texas Instruments TUSB7340 Datasheet HTML 44Page - Texas Instruments TUSB7340 Datasheet HTML 45Page - Texas Instruments TUSB7340 Datasheet HTML 46Page - Texas Instruments TUSB7340 Datasheet HTML 47Page - Texas Instruments TUSB7340 Datasheet HTML 48Page - Texas Instruments TUSB7340 Datasheet HTML 49Page - Texas Instruments TUSB7340 Datasheet HTML 50Page - Texas Instruments TUSB7340 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.1.52 Serial Bus Control and Status Register
The Serial Bus Control and Status register is used to control the behavior of the Serial bus interface. This
register also provides status information about the state of the serial bus. This register is reset by a PCI Express
reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: B3h
Register type: Read/Write, Read-Only, Read/Clear
Default value: 00h
Table 81. PCI Register B3h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 82. Serial Bus Control and Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Protocol Select. This bit is used to select the serial bus address mode
used.
7
PROT_SEL(1)
rw
0 – Slave Address and Byte Address are sent on the serial bus.
1 – Only the Slave address is sent on the serial bus.
6
RSVD
r
Reserved. Returns zero when read.
Requested Serial Bus Access Busy. This bit is set when a serial bus
cycle is in progress.
5
REQBUSY(1)
r
0 – No serial bus cycle
1 – Serial bus cycle in progress
Serial EEPROM Access Busy. This bit is set when the serial EEPROM
circuitry in the TUSB73X0 is downloading register defaults from a serial
4
ROMBUSY(1)
r
EEPROM.
0 – No EEPROM activity
1 – EEPROM download in progress
Serial EEPROM Detected. This bit is automatically set when a serial
EEPROM is detected by the TUSB73X0. The value of this bit is used to
enable the serial bus interface and to control whether or not the
EEPROM load takes place. Note that a serial EEPROM is only detected
once following a PERST# or a GRST#.
3
SBDETECT(1)
rwu
0 – No EEPROM present, EEPROM load process does not happen
1 – EEPROM present, EEPROM load process takes place
Note that even if a serial EERPOM is not detected following PERST# or
a GRST#, software can still set this bit to enable the serial bus interface.
In this situation, the EEPROM load process will not happen.
Serial Bus Test. This bit is used for internal test purposes. This bit
controls the clock source for the serial interface clock.
2
SBTEST(1)
rw
0 – Serial bus clock at normal operating frequency ~ 100 kHz
1 – Serial bus clock frequency increased for test purposes
Serial Bus Error. This bit is set when an error occurs during a software
initiated serial bus cycle.
1
SB_ERR(1)
rc
0 – No error
1 – Serial bus error
Serial EEPROM Load Error. This bit is set when an error occurs while
downloading registers from a serial EEPROM.
0
ROM_ERR(1)
rc
0 – No Error
1 – EEPROM load error
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com