Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 47Page - Texas Instruments TUSB7340 Datasheet HTML 48Page - Texas Instruments TUSB7340 Datasheet HTML 49Page - Texas Instruments TUSB7340 Datasheet HTML 50Page - Texas Instruments TUSB7340 Datasheet HTML 51Page - Texas Instruments TUSB7340 Datasheet HTML 52Page - Texas Instruments TUSB7340 Datasheet HTML 53Page - Texas Instruments TUSB7340 Datasheet HTML 54Page - Texas Instruments TUSB7340 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.1.58 MSI-X Table Offset and BIR Register
This register indicates into which BAR and offset the MSI-X table is mapped.
PCI register offset: C4h
Register type: Read-Only
Default value: 0000 0002h
Table 91. PCI Register C4h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
State
Table 92. MSI-X Table Offset and BIR Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Table Offset. This field is set to 000h to indicate that the MSI-X
31:3
TABLE_OFFSET
r
Table is at an offset of 0000h from the beginning of the BAR at offset
18h.
Table BIR. This field is set to 010b to indicate that the MSI-X table is
2:0
TABLE_BIR
r
mapped into the BAR at offset 18h.
7.5.1.59 MSI-X PBA Offset and BIR Register
This register indicates into which BAR and offset the MSI-X PBA is mapped.
PCI register offset: C8h
Register type: Read-Only
Default value: 0000 1000h
Table 93. PCI Register C8h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 94. MSI-X PBA Offset and BIR Register Descriptions
BIT
FIELD NAME
ACCESS
DESCRIPTION
PBA Offset. This field is set to 200h to indicate that the MSI-X PBA
31:3
PBA_OFFSET
r
is at an offset of 1000h from the beginning of the BAR at offset 18h.
PBA BIR. This field is set to 010b to indicate that the MSI-X PBA is
2:0
PBA_BIR
r
mapped into the BAR at offset 18h.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com