Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 52Page - Texas Instruments TUSB7340 Datasheet HTML 53Page - Texas Instruments TUSB7340 Datasheet HTML 54Page - Texas Instruments TUSB7340 Datasheet HTML 55Page - Texas Instruments TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
Table 104. USB Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
USB 3.0 Port 4 Nonremovable. When this bit is set to 1, the TUSB73X0
forces the DR bit to 1 in the Port Status and Control Register
7
USB3_PORT4_NON_REM(1)
rw
corresponding to USB 3.0 Port 4. For the TUSB7320 Port 4 is not
present and this bit has no effect.
USB 3.0 Port 3 Nonremovable. When this bit is set to 1, the TUSB73X0
forces the DR bit to 1 in the Port Status and Control Register
6
USB3_PORT3_NON_REM(1)
rw
corresponding to USB 3.0 Port 3. For the TUSB7320 Port 3 is not
present and this bit has no effect.
USB 3.0 Port 2 Nonremovable. When this bit is set to 1, the TUSB73X0
5
USB3_PORT2_NON_REM(1)
rw
forces the DR bit to 1 in the Port Status and Control Register
corresponding to USB 3.0 Port 2.
USB 3.0 Port 1 Nonremovable. When this bit is set to 1, the TUSB73X0
4
USB3_PORT1_NON_REM(1)
rw
forces the DR bit to 1 in the Port Status and Control Register
corresponding to USB 3.0 Port 1.
USB 2.0 Port 4 Nonremovable. When this bit is set to 1, the TUSB73X0
forces the DR bit to 1 in the Port Status and Control Register
3
USB2_PORT4_NON_REM(1)
rw
corresponding to USB 2.0 Port 4. For the TUSB7320 Port 4 is not
present and this bit has no effect.
USB 2.0 Port 3 Nonremovable. When this bit is set to 1, the TUSB73X0
forces the DR bit to 1 in the Port Status and Control Register
2
USB2_PORT3_NON_REM(1)
rw
corresponding to USB 2.0 Port 3. For the TUSB7320 Port 3 is not
present and this bit has no effect.
USB 2.0 Port 2 Nonremovable. When this bit is set to 1, the TUSB73X0
1
USB2_PORT2_NON_REM(1)
rw
forces the DR bit to 1 in the Port Status and Control Register
corresponding to USB 2.0 Port 2.
USB 2.0 Port 1 Nonremovable. When this bit is set to 1, the TUSB73X0
0
USB2_PORT1_NON_REM(1)
rw
forces the DR bit to 1 in the Port Status and Control Register
corresponding to USB 2.0 Port 1.
7.5.1.65 De-Emphasis and Swing Control Register
This register is used to control the de-emphasis and transmit swing settings for each of the USB 3.0 ports when
the default setting is overridden through the Custom PHY Transmit/Receive Control Register. This register is
reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: E4h
Register type: Read/Write
Default value: 0000 0000h
Table 105. PCI Register E4h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 106. De-Emphasis and Swing Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Port 4 Swing. When the PORT4_SWING_OV bit is set to 1, these bits
are used to set the output swing for port 4. For details on the behavior of
31:28
PORT4_SWING(1)
rw
the swing signals refer to Table 1. For the TUSB7320 Port 4 is not
present and these bits have no effect.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
56
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com