Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 23Page - Texas Instruments TUSB7340 Datasheet HTML 24Page - Texas Instruments TUSB7340 Datasheet HTML 25Page - Texas Instruments TUSB7340 Datasheet HTML 26Page - Texas Instruments TUSB7340 Datasheet HTML 27Page - Texas Instruments TUSB7340 Datasheet HTML 28Page - Texas Instruments TUSB7340 Datasheet HTML 29Page - Texas Instruments TUSB7340 Datasheet HTML 30Page - Texas Instruments TUSB7340 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.1.13 Base Address Register 2
This register is used to program the memory address used to access the MSI-X Table and PBA.
PCI register offset: 18h
Register type: Read/Write, Read-only
Default value: 0000 0004h
Table 22. PCI Register 18h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
State
Table 23. Base Address Register 2 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Memory Address. The lower 32 bits of the 64-bit memory address field
31:20
ADDRESS
rw
for the TUSB73X0 uses 19 read/write bits indicating that 8 MB of
memory space is required.
19:4
RSVD
r
Reserved. These bits are read-only and returns zeros when read.
Pre-fetchable. This bit is read only 0 indicating that this memory window
3
PRE_FETCH
r
is not prefetchable.
Memory Type. This field is read only 10b indicating that this window can
2:1
MEM_TYPE
r
be located anywhere in the 64-bit address space.
Memory Space Indicator. This field returns 0 indicating that memory
0
MEM_IND
r
space is used.
7.5.1.14 Base Address Register 3
This register is used to program the memory address used to access the MSI-X Table and PBA.
PCI register offset: 1Ch
Register type: Read/Write
Default value: 0000 0000h
Table 24. PCI Register 1Ch
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 25. Table 9
‑‑3 Base Address Register 3 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Memory Address. This field indicates the upper 32 bits of the 64-bit
31:0
ADDRESS
rw
memory address for the TUSB73X0.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com