Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 51Page - Texas Instruments TUSB7340 Datasheet HTML 52Page - Texas Instruments TUSB7340 Datasheet HTML 53Page - Texas Instruments TUSB7340 Datasheet HTML 54Page - Texas Instruments TUSB7340 Datasheet HTML 55Page - Texas Instruments TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.1.64 USB Control Register
This register is a read/write register is used to control USB settings in the TUSB73X0. This register is reset by a
PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: E0h
Register type: Read/Write
Default value: 0000 0000h
Table 103. PCI Register E0h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 104. USB Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
USB Spread Spectrum Disable. When this bit is set to 1, spread
31
USB_SPREAD_DIS(1)
rw
spectrum generation for the USB 3.0 clock is disabled.
Frequency Select Enable. When this bit is set to 1, the oscillator is
30
FREQ_SEL_EN(2)
rw
restarted. This bit can only be written to once after power up.
PLL Frequency Select. If the FREQSEL pin is 1, then the value in this
field controls the Frequency Select inputs to the PLL. In addition, the
frequency selector inputs to the Oscillator are set appropriately for the
29:24
PLL_FREQ_SEL(2)
r
frequency selected. If the FREQSEL pin is 0, then this field has no effect.
Once the FREQ_SEL_EN bit has been set, this field will be locked and
cannot be changed.
Hide MSI-X. When this bit is set, the Next Item Pointer Register (offset
23
HIDE_MSIX(1)
rw
71h) for the PCI Express Capability is set to 00h, and BAR2 (offset 18h)
and BAR3 (offset 1Ch) are only zeros.
PWRONx Polarity. When this bit is 0 (default), the PWRONx# pins are
active low and their internal pulldown resistors are enabled. When this bit
22
PWRON_POLARITY(2)
rw
is 1, the PWRONx# pins are active high and their internal pulldown
resistors are disabled.
21:17
RSVD
r
Reserved. Returns zero when read.
Port Power Control Not Present. When this bit is 0, the TUSB73X0
forces the PPC bit to 1 in the Host Controller Capability Parameters,
indicating that the system supports port power switches. When this bit is
16
PPC_NOT_PRESENT (1)
rw
set to 1, the TUSB73X0 forces the PPC bit to 0 in the Host Controller
Capability Parameters, indicating that the system does not support port
power switches.
15:12
RSVD(1)
rw
Reserved. Returns zeros when read.
USB Port 4 Disable. When this bit is set to 1, port 4 of the TUSB73X0 is
11
PORT4_DIS(1)
rw
disabled. For the TUSB7320 Port 4 is not present and this bit has no
effect.
USB Port 3 Disable. When this bit is set to 1, port 3 of the TUSB73X0 is
10
PORT3_DIS(1)
rw
disabled. For the TUSB7320 Port 3 is not present and this bit has no
effect.
USB Port 2 Disable. When this bit is set to 1, port 2 of the TUSB73X0 is
9
PORT2_DIS(1)
rw
disabled.
USB Port 1 Disable. When this bit is set to 1, port 1 of the TUSB73X0 is
8
PORT1_DIS(1)
rw
disabled.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
(2)
This bit is a sticky bit and is reset by a global reset (GRST) or the internally-generated poweron reset.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com