Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments TUSB7340 Datasheet HTML 64Page - Texas Instruments TUSB7340 Datasheet HTML 65Page - Texas Instruments TUSB7340 Datasheet HTML 66Page - Texas Instruments TUSB7340 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
Table 117. Bit Descriptions – Uncorrectable Error Mask Register (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
Poisoned TLP Mask.
12
PSN_TLP_MASK(1)
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
11:5
RSVD
r
Reserved. Returns zeros when read.
Data Link Protocol Error Mask.
4
DLL_ERROR_MASK(1)
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
3:0
RSVD
r
Reserved. Returns zeros when read.
7.5.2.6 Uncorrectable Error Severity Register
The Uncorrectable Error Severity Register controls the reporting of individual errors as ERR_FATAL or
ERR_NONFATAL. When a bit is set, the corresponding error condition will be identified as fatal. When a bit is
clear, the corresponding error condition will be identified as non-fatal.
PCI Express Extended Register Offset: 10Ch
Register type: Read-Only, Read/Write
Default value: 0026 2030h
Table 118. PCI Express Extended Register 10Ch
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
1
0
0
0
1
1
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
1
0
0
0
0
0
0
0
1
1
0
0
0
0
State
Table 119. Bit Descriptions – Uncorrectable Error Severity Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:23
RSVD
r
Reserved. Returns zeros when read.
22
RSVD
r
Reserved. Returns 1 when read.
21
RSVD
r
Reserved. Returns zeros when read.
Unsupported Request Error Severity.
20
UR_ERROR_SEVR(1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
Extended CRC Error Severity.
19
ECRC_ERROR_SEVR(1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
Malformed TLP Severity.
18
MAL_TLP_SEVR (1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
Receiver Overflow Severity.
17
RX_OVERFLOW_SEVR(1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
Unexpected Completion Severity.
16
UNXP_CPL_SEVR(1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
Completer Abort Severity.
15
CPL_ABORT_SEVR (1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com