Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 88Page - Texas Instruments TUSB7340 Datasheet HTML 89Page - Texas Instruments TUSB7340 Datasheet HTML 90Page - Texas Instruments TUSB7340 Datasheet HTML 91Page - Texas Instruments TUSB7340 Datasheet HTML 92Page - Texas Instruments TUSB7340 Datasheet HTML 93Page - Texas Instruments TUSB7340 Datasheet HTML 94Page - Texas Instruments TUSB7340 Datasheet HTML 95Page - Texas Instruments TUSB7340 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
7.5.3.6.8
xHCI Supported Protocol Port Register (USB 3.0)
This register indicates how many USB 3.0 ports are supported and what their port numbers are.
xHCI Extended Capabilities Base register offset:28h
Register type: Read-Only
Default value: 0000 0X0Xh
Table 197. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 28h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
x
x
0
0
0
0
0
0
x
x
1
State
Table 198. xHCI Supported Protocol Capability Register (USB 3.0) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:19
RSVD
r
Reserved. Returns zeros when read.
Integrated Hub Implemented. This field is 0 to indicate that the root hub
18
IHI
r
to external port mapping adheres to the default mapping in the xHCI
Specification.
17
HSO
r
High-speed Only. This field is not applicable to USB 3.0 and is 0.
16
L1C
r
L1 Capability. This field is not applicable to USB 3.0 and is 0.
Compatible Port Count. For the TUSB7340 , this field is 04h to indicate
15:8
COMPATIBLE_PORT_CNT
r
that four USB 3.0 ports are supported. For the TUSB7320, this field is
02h to indicate that two USB 3.0 ports are supported.
Compatible Port Offset. For the TUSB7340 , this field is 05h to indicate
7:0
COMPATIBLE_PORT_OFF
r
that the first USB 3.0 port is port 5. For the TUSB7320, this field is 03h to
indicate that the first USB 3.0 port is port 3.
7.5.4 MSI-X Memory Mapped Register Space
7.5.4.1 The MSI-X Table and PBA in Memory Mapped Register Space
The TUSB73X0 includes the MSI-X Table and PBA in memory mapped register space. These registers are
accessible through the address programmed into the Base Address Register 2/3. See the PCI Express Power
Management section for more information.
Table 199. MSI-X Table and PBA Register Map
REGISTER NAME
OFFSET
Entry 0 Message Address
0000h
Entry 0 Message Upper Address
0004h
Entry 0 Message Data
0008h
Entry 0 Vector Control
000Ch
Entry 1 Message Address
0010h
Entry 1 Message Upper Address
0014h
Entry 1 Message Data
0018h
Entry 1 Vector Control
001Ch
Entry 2 Message Address
0020h
Entry 2 Message Upper Address
0024h
Entry 2 Message Data
0028h
92
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com