Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 97Page - Texas Instruments TUSB7340 Datasheet HTML 98Page - Texas Instruments TUSB7340 Datasheet HTML 99Page - Texas Instruments TUSB7340 Datasheet HTML 100Page - Texas Instruments TUSB7340 Datasheet HTML 101Page - Texas Instruments TUSB7340 Datasheet HTML 102Page - Texas Instruments TUSB7340 Datasheet HTML 103Page - Texas Instruments TUSB7340 Datasheet HTML 104Page - Texas Instruments TUSB7340 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
5V VBUS OPTIONS
NOTE: USE LOW ESR CAP
NOTE: USE LOW ESR CAP
OPTION 1: 5V REGULATOR
OPTION 2: 5V FROM IDE CONNECTOR
VSENSE
BOOT
PH
REG_5V
BOARD_12V
IDE_5V
IDE_5V
REG_5V
BOARD_5V
J27
NOPOP
1
2
L1
15uH_NF
R37
3.16K_NF
1%
C78
0.01uF_NF
+5V
GND0
GND1
+12V
J5
IDE_PW R_CONN
4
3
2
1
+
C73
330uF_NF
R36
10K_NF
1%
D6
MBRS540T3_NF
C75
0.01uF_NF
C74
0.01uF_NF
J26
HDR2X1 M .1
1
2
C76
22uF
C77
22uF_NF
U6
TPS5450_NF
BOOT
1
NC
2
NC_
3
VSENSE
4
ENA
5
GND
6
VIN
7
PH
8
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
8.2.2.5 5-V VBUS Options
There are two options that can be implemented to generate the 5-V source; the first one is using a 5-V regulator, and the second one is using the IDE
power connector.
Figure 14. Reference Design 5
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
101
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com