Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 32Page - Texas Instruments TMS320C80GF Datasheet HTML 33Page - Texas Instruments TMS320C80GF Datasheet HTML 34Page - Texas Instruments TMS320C80GF Datasheet HTML 35Page - Texas Instruments TMS320C80GF Datasheet HTML 36Page - Texas Instruments TMS320C80GF Datasheet HTML 37Page - Texas Instruments TMS320C80GF Datasheet HTML 38Page - Texas Instruments TMS320C80GF Datasheet HTML 39Page - Texas Instruments TMS320C80GF Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MP opcode summary (continued)
Table 7. Summary of MP Opcodes
INSTRUCTION
DESCRIPTION
INSTRUCTION
DESCRIPTION
add
Signed integer add
or.ff
Bitwise OR with 1s complement
and.tt
Bitwise AND
or.ft
Bitwise OR with 1s complement
and.ff
Bitwise AND with 1s complement
or.tf
Bitwise OR with 1s complement
and.ft
Bitwise AND with 1s complement
rdcr
Read control register
and.tf
Bitwise AND with 1s complement
rmo
Rightmost one
bbo
Branch bit one
shift.dz
Shift, disable mask, zero extend
bbz
Branch bit zero
shift.dm
Shift, disable mask, merge
bcnd
Branch conditional
shift.ds
Shift, disable mask, sign extend
br
Branch always
shift.ez
Shift, enable mask, zero extend
brcr
Branch control register
shift.em
Shift, enable mask, merge
bsr
Branch and save return
shift.es
Shift, enable mask, sign extend
cmnd
Send command
shift.iz
Shift, invert mask, zero extend
cmp
Integer compare
shift.im
Shift, invert mask, merge
dcache
Flush data cache sub-block
st
Store register into memory
estop
Emulation stop
sub
Signed integer subtract
fadd
Floating-point add
swcr
Swap control register
fcmp
Floating-point compare
trap
Trap
fdiv
Floating-point divide
vadd
Vector floating-point add
fmpy
Floating-point multiply
vmac
Vector floating-point multiply and add to ac-
cumulator
frndx
Floating-point convert/round
vmpy
Vector floating-point multiply
fsqrt
Floating-point square root
vmsc
Vector floating-point multiply and subtract
from accumulator
fsub
FLoating-point subtract
vmsub
Vector floating-point subtract accumulator
from source
illop
Illegal operation
vrnd(FP)
Vector round with floating-point input
jsr
Jump and save return
vrnd(Int)
Vector round with integer input
ld
Load signed into register
vsub
Vector floating-point subtract
ld.u
Load unsigned into register
xnor
Bitwise exclusive NOR
lmo
Leftmost one
xor
Bitwise exclusive OR
or.tt
Bitwise OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com