Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 59Page - Texas Instruments TMS320C80GF Datasheet HTML 60Page - Texas Instruments TMS320C80GF Datasheet HTML 61Page - Texas Instruments TMS320C80GF Datasheet HTML 62Page - Texas Instruments TMS320C80GF Datasheet HTML 63Page - Texas Instruments TMS320C80GF Datasheet HTML 64Page - Texas Instruments TMS320C80GF Datasheet HTML 65Page - Texas Instruments TMS320C80GF Datasheet HTML 66Page - Texas Instruments TMS320C80GF Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
60
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
addressing-mode codes
The Lmode (bits 35–38) and Gmode (bits 13–16) of the opcode specify the local and global transfer for various
parallel transfer opcode formats (Lmode in formats 1, 2, 3, 4, and 6 and Gmode in formats 1, 5, and 9). Table 22
shows the coding for the addressing-mode fields.
Table 22. Addressing-Mode Codes
CODING
EXPRESSION
DESCRIPTION
00xx
Nop (nonaddressing mode operation)
0100
*(an ++= xm)
Postaddition of index register, with modify
0101
*(an – – = xm)
Postsubtraction of index register, with modify
0110
*(an ++= imm)
Postaddition of immediate, with modify
0111
*(an – – = imm)
Postsubtraction of immediate, with modify
1000
*(an + xm)
Preaddition of index register
1001
*(an – xm)
Presubtraction of index register
1010
*(an + imm)
Preaddition of immediate
1011
*(an – imm)
Presubtraction of immediate
1100
*(an += xm)
Preaddition of index register, with modify
1101
*(an – = xm)
Presubtraction of index register, with modify
1110
*(an += imm)
Preaddition of immediate, with modify
1111
*(an – = imm)
Presubtraction of immediate, with modify
Legend:
an
Address register in l/g address unit
imm
Immediate offset
xm
Index register in same unit as an register
L, e codes
The L and e bits combine to specify the type of parallel transfer performed, as shown in Table 23. For the local
transfer, L and e are bits 21 and 31, respectively. For the global transfer, L and e are bits 17 and 9, respectively.
Table 23. Parallel Transfer Type
L
e
PARALLEL TRANSFER
1
0
Zero-extend load
1
1
Sign-extend load
0
0
Store
0
1
Address unit arithmetic
size codes
The size code specifies the data transfer size. For field moves (parallel transfer format 3), only byte and halfword
data sizes are valid, as shown in Table 24.
Table 24. Transfer Data Size
CODING
DATA SIZE
00
Byte (8 bits)
01
Halfword (16 bits)
10
Word (32 bits)
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com