Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 77Page - Texas Instruments TMS320C80GF Datasheet HTML 78Page - Texas Instruments TMS320C80GF Datasheet HTML 79Page - Texas Instruments TMS320C80GF Datasheet HTML 80Page - Texas Instruments TMS320C80GF Datasheet HTML 81Page - Texas Instruments TMS320C80GF Datasheet HTML 82Page - Texas Instruments TMS320C80GF Datasheet HTML 83Page - Texas Instruments TMS320C80GF Datasheet HTML 84Page - Texas Instruments TMS320C80GF Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
78
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
row states
The row states make up the row time of each memory access. They occur when each new page access begins.
The transition indicators determine the conditions that cause transitions to another state. See Table 35 and
Table 36.
Table 35. Row States
STATE
DESCRIPTION
r1
Beginning state for all memory accesses. Outputs row address (A[31:0]) and cycle type (STATUS[5:0]) and drives control
signals to their inactive state
r2
Common to all memory accesses. Asserts RL and drives DDIN according to the data transfer direction. AS[2:0], BS[1:0],
CT[2:0], PS[3:0] and UTIME inputs are sampled
r3
Common to all memory accesses. DBEN is driven to its active level. For non-SDRAM, W, TRG / CAS, and DSF are driven to
their active levels and for non-SDRAM refreshes, all CAS / DQM strobes are activated. FAULT, READY, and RETRY inputs are
sampled.
r4
Inserted for 3 cycle / column accesses (CT=111) only. No signal transitions occur. RETRY input is sampled.
r5
Common to SDRAM and 2 or 3 cycle / column accesses (CT=0xx or 11x). RAS is driven low. W is driven low for DCAB and MRS
cycles and TRG / CAS is driven low for MRS and SDRAM refresh cycles.
r6
Common to all memory accesses. For SDRAM cycles, RAS, TRG / CAS, and W are driven high. For non-SDRAM, RAS is driven
low (if not already) and W, TRG / CAS, and DSF are driven to their appropriate levels. DBEN is driven low and READY and
RETRY are sampled.
rspin
Additional state to allow TC column time pipeline to load. No signal transitions occur. RETRY is sampled. The rspin state can, on
occasion, repeat multiple times.
r7
Common to 2 and 3 cycle / column refreshes (CT=11x). Processor activity code is output on STATUS[5:0]. RETRY input is
sampled.
r8
For 3 cycle / column refreshes only (CT=111). No signal transitions occur. RETRY input is sampled.
r9
Common to all refresh cycles. Processor activity code is output on STATUS[5:0] and RETRY input is sampled.
dw
Occurs for pipelined 1 cycle / column writes only. All CAS / DQM strobes are activated.
dcab
Occurs for SDRAM cycles (CT = 0xx). RAS and W are activated to perform a DCAB command.
rhiz
High impedance state. Occurs during host requests and repeats until bus is released by the host
Table 36. State Transition Indicators
INDICATOR
DESCRIPTION
any cycle
Continuation of current cycle
CT=xxx
State change occurs for indicated CT[2:0] value (as latched in r2 state)
abort
Current cycle aborted by TC in favor of higher priority cycle
fault
FAULT input sampled low (in r3 state), memory access faulted
retry
RETRY input sampled low (in r3 state), row-time retry
wait
READY input sampled low (in r3, r6, or last column state) repeat current state
spin
Internally generated wait state to allow TC pipeline to load
new page
The next access requires a page change (new row access).
external memory timing examples
The following sections contain descriptions of the ’C80 memory cycles and illustrate the signal transitions for
those cycles. Memory cycles may be separated into two basic categories; DRAM-type cycles for use with
DRAM-like devices, SRAM, and peripherals, and SDRAM-type cycles for use with SDRAM-like devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com