Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 70 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 66Page - Texas Instruments TMS320C80GF Datasheet HTML 67Page - Texas Instruments TMS320C80GF Datasheet HTML 68Page - Texas Instruments TMS320C80GF Datasheet HTML 69Page - Texas Instruments TMS320C80GF Datasheet HTML 70Page - Texas Instruments TMS320C80GF Datasheet HTML 71Page - Texas Instruments TMS320C80GF Datasheet HTML 72Page - Texas Instruments TMS320C80GF Datasheet HTML 73Page - Texas Instruments TMS320C80GF Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
67
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TC functional block diagram (continued)
Src MUX and
Alignment
64
64
64
64
Request Queuing and Prioritization
Cache Buffer
Crossbar
Interface
Src
Controller
Dst
Controller
Packet Transfer
FIFO
Cache, VRAM, and
Refresh Controller
Dst MUX and
Alignment
External
Memory
Interface
Src Control
Registers
Dst Control
Registers
MP
Requests
PP
Requests
VC
Requests
XPT
Requests
Host
Requests
Figure 52. TC Block Diagram
TC registers
The TC contains four on-chip memory-mapped registers accessible by the MP. TC registers are shown in
Figure 53.
refresh control (REFCNTL) register (0x01820000)
The REFCNTL register controls refresh cycles.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RPARLD
REFRATE
RPARLD
Refresh Pseudo-Address Reload Value
REFRATE
Refresh Interval (in clock cycles)
Figure 53. REFCNTL Register
packet-transfer minimum (PTMIN) register (0x01820004)
The PTMIN register determines the minimum number of cycles that a packet transfer executes before being
suspended by a higher priority packet transfer. Figure 54 shows the PTMIN register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PTMIN
Figure 54. PTMIN Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com