Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 60 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 56Page - Texas Instruments TMS320C80GF Datasheet HTML 57Page - Texas Instruments TMS320C80GF Datasheet HTML 58Page - Texas Instruments TMS320C80GF Datasheet HTML 59Page - Texas Instruments TMS320C80GF Datasheet HTML 60Page - Texas Instruments TMS320C80GF Datasheet HTML 61Page - Texas Instruments TMS320C80GF Datasheet HTML 62Page - Texas Instruments TMS320C80GF Datasheet HTML 63Page - Texas Instruments TMS320C80GF Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
57
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
data unit operation code
For data unit opcode format A, a 4-bit operation code specifies one of 16 six-operand operations and an
associated data path, as shown in Table 16.
Table 16. Six Operand Format Operation Codes
oper FIELD BIT
60
59
58
57
OPERATION TYPE
0
u
0
s
MPY || ADD
0
u
1
f
MPYU || EALU
1
0
f
k
EALU || ROTATE
1
0
1
0
divi
1
1
u
s
MPY || SADD
Legend:
u
Unsigned
f
1s complement EALU function code
s
Subtract
k
Use mask or mf expander
operation class code
The base set ALU opcodes (formats B, C, D) use an operation class code to specify one of eight different
routings to the A, B, and C ports of the ALU, as shown in Table 17.
Table 17. Base Set ALU Class Summary
CLASS
DESTINATION
A PORT
B PORT
C PORT
000
dst
src2
src1
@mf
001
dst
dstc
src1
\ \
d0
src2
010
dst
dstc
src1
%src2
011
dst
dstc
src1
\ \
src2
%src2
100
dst
src2
src1
\ \
d0
%d0
101
dst
src2
src1
\ \
d0
@mf
110
dst
dstc
src1
src2
111
dst
src1
1
\ \
src2
src2
Legend:
\ \
Rotate left
@mf
Expand function
%
Mask generation
dstc
Companion D reg
dst
Destination Dreg or any reg if dstbank or Adstbnk is used with destination.
src2
Source D reg or immediate
srd1
Source D reg or any if As1bank is used or any lower reg if s1bnk is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com