Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 55Page - Texas Instruments TMS320C80GF Datasheet HTML 56Page - Texas Instruments TMS320C80GF Datasheet HTML 57Page - Texas Instruments TMS320C80GF Datasheet HTML 58Page - Texas Instruments TMS320C80GF Datasheet HTML 59Page - Texas Instruments TMS320C80GF Datasheet HTML 60Page - Texas Instruments TMS320C80GF Datasheet HTML 61Page - Texas Instruments TMS320C80GF Datasheet HTML 62Page - Texas Instruments TMS320C80GF Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PP opcode formats (continued)
Table 15 shows the encoding used in the opcodes to specify particular PP registers. A 3-bit register field
contains the three LSBs. The register codes are used for the src, src1, src2, src3, src4, dst, dst1, dst2, d, reg,
Ga, La, Gim/X, and Lim/X opcode fields. The four MSBs specify the register bank which is concatenated to the
register field for the full 7-bit code. The register bank codes are used for the dstbank, s1bnk, srcbank, 0bank,
bank, Adstbnk, and As1bank opcode fields. When no associated bank is specified for a register field in the
opcode, the D register bank is assumed. When the MSB of the bank code is not specified in the opcode (as in
0bank and s1bnk) it is assumed to be 0, indicating a lower register.
Table 15. PP Register Codes
LOWER REGISTERS (MSB OF BANK = 0)
UPPER REGISTERS (MSB OF BANK = 1)
CODING
REGISTER
CODING
REGISTER
CODING
REGISTER
CODING
REGISTER
BANK
REG
REGISTER
BANK
REG
REGISTER
BANK
REG
REGISTER
BANK
REG
REGISTER
0000
000
a0
0100
000
d0
1000
000
reserved
1100
000
lc0
0000
001
a1
0100
001
d1
1000
001
reserved
1100
001
lc1
0000
010
a2
0100
010
d2
1000
010
reserved
1100
010
lc2
0000
011
a3
0100
011
d3
1000
011
reserved
1100
011
reserved
0000
100
a4
0100
100
d4
1000
100
reserved
1100
100
lr0
0000
101
reserved
0100
101
d5
1000
101
reserved
1100
101
lr1
0000
110
a6 (sp)
0100
110
d6
1000
110
reserved
1100
110
lr2
0000
111
a7 (zero)
0100
111
d7
1000
111
reserved
1100
111
reserved
0001
000
a8
0101
000
reserved
1001
000
reserved
1101
000
lrse0
0001
001
a9
0101
001
sr
1001
001
reserved
1101
001
lrse1
0001
010
a10
0101
010
mf
1001
010
reserved
1101
010
lrse2
0001
011
a11
0101
011
reserved
1001
011
reserved
1101
011
reserved
0001
100
a12
0101
100
reserved
1001
100
reserved
1101
100
lrs0
0001
101
reserved
0101
101
reserved
1001
101
reserved
1101
101
lrs1
0001
110
a14 (sp)
0101
110
reserved
1001
110
reserved
1101
110
lrs2
0001
111
a15 (zero)
0101
111
reserved
1001
111
reserved
1101
111
reserved
0010
000
x0
0110
000
reserved
1010
000
reserved
1110
000
ls0
0010
001
x1
0110
001
reserved
1010
001
reserved
1110
001
ls1
0010
010
x2
0110
010
reserved
1010
010
reserved
1110
010
ls2
0010
011
reserved
0110
011
reserved
1010
011
reserved
1110
011
reserved
0010
100
reserved
0110
100
reserved
1010
100
reserved
1110
100
le0
0010
101
reserved
0110
101
reserved
1010
101
reserved
1110
101
le1
0010
110
reserved
0110
110
reserved
1010
110
reserved
1110
110
le2
0010
111
reserved
0110
111
reserved
1010
111
reserved
1110
111
reserved
0011
000
x8
0111
000
pc/call
1011
000
reserved
1111
000
reserved
0011
001
x9
0111
001
ipa/br
1011
001
reserved
1111
001
reserved
0011
010
x10
0111
010
ipe #
1011
010
reserved
1111
010
reserved
0011
011
reserved
0111
011
iprs
1011
011
reserved
1111
011
reserved
0011
100
reserved
0111
100
inten
1011
100
reserved
1111
100
tag0 #
0011
101
reserved
0111
101
intflg
1011
101
reserved
1111
101
tag1 #
0011
110
reserved
0111
110
comm
1011
110
reserved
1111
110
tag2 #
0011
111
reserved
0111
111
lctl
1011
111
reserved
1111
111
tag3 #
# Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com