Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 70Page - Texas Instruments TMS320C80GF Datasheet HTML 71Page - Texas Instruments TMS320C80GF Datasheet HTML 72Page - Texas Instruments TMS320C80GF Datasheet HTML 73Page - Texas Instruments TMS320C80GF Datasheet HTML 74Page - Texas Instruments TMS320C80GF Datasheet HTML 75Page - Texas Instruments TMS320C80GF Datasheet HTML 76Page - Texas Instruments TMS320C80GF Datasheet HTML 77Page - Texas Instruments TMS320C80GF Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
LOCAL MEMORY INTERFACE
status codes
Status codes are output on STATUS[5:0] to describe the cycle being performed. During row time, the
STATUS[5:0] pins indicate the type of cycle being performed. The cycle type can be latched using RL or RAS
and used by external logic to perform memory bank decoding or to enable special hardware features. During
column time, the STATUS[5:0] pins indicate the requesting processor or special column information. See
Table 29 for a listing of the Row-time status codes and Table 30 for a listing of column-time status codes.
Table 29. Row-Time Status Codes
STATUS[5:0]
CYCLE TYPE
STATUS[5:0]
CYCLE TYPE
0 0 0 0 0
0
Normal Read
1 0 0 0 0
0
Reserved
0 0 0 0 0
1
Normal Write
1 0 0 0 0
1
Reserved
0 0 0 0 1
0
Refresh
1 0 0 0 1
0
Reserved
0 0 0 0 1
1
SDRAM DCAB
1 0 0 0 1
1
Reserved
0 0 0 1 0
0
Peripheral Device PT Read
1 0 0 1 0
0
XPT1 Read
0 0 0 1 0
1
Peripheral Device PT Write
1 0 0 1 0
1
XPT1 Write
0 0 0 1 1
0
Reserved
1 0 0 1 1
0
XPT1 PDPT Read
0 0 0 1 1
1
Reserved
1 0 0 1 1
1
XPT1 PDPT Write
0 0 1 0 0
0
Reserved
1 0 1 0 0
0
XPT2 Read
0 0 1 0 0
1
Block Write PT
1 0 1 0 0
1
XPT2 Write
0 0 1 0 1
0
Reserved
1 0 1 0 1
0
XPT2 PDPT Read
0 0 1 0 1
1
Reserved
1 0 1 0 1
1
XPT2 PDPT Write
0 0 1 1 0
0
SDRAM MRS
1 0 1 1 0
0
XPT3 Read
0 0 1 1 0
1
Load Color Register
1 0 1 1 0
1
XPT3 Write
0 0 1 1 1
0
Reserved
1 0 1 1 1
0
XPT3 PDPT Read
0 0 1 1 1
1
Reserved
1 0 1 1 1
1
XPT3 PDPT Write
0 1 0 0 0
0
Frame 0 Read Transfer
1 1 0 0 0
0
XPT4 / SAM1 Read
0 1 0 0 0
1
Frame 0 Write Transfer
1 1 0 0 0
1
XPT4 / SAM1 Write
0 1 0 0 1
0
Frame 0 Split Read Transfer
1 1 0 0 1
0
XPT4 / SAM1 PDPT Read
0 1 0 0 1
1
Frame 0 Split Write Transfer
1 1 0 0 1
1
XPT4 / SAM1 PDPT Write
0 1 0 1 0
0
Frame 1 Read Transfer
1 1 0 1 0
0
XPT5 / SOF1 Read
0 1 0 1 0
1
Frame 1 Write Transfer
1 1 0 1 0
1
XPT5 / SOF1 Write
0 1 0 1 1
0
Frame 1 Split Read Transfer
1 1 0 1 1
0
XPT5 / SOF1 PDPT Read
0 1 0 1 1
1
Frame 1 Split Write Transfer
1 1 0 1 1
1
XPT5 / SOF1 PDPT Write
0 1 1 0 0
0
Reserved
1 1 1 0 0
0
XPT6 / SAM0 Read
0 1 1 0 0
1
Reserved
1 1 1 0 0
1
XPT6 / SAM0 Write
0 1 1 0 1
0
Reserved
1 1 1 0 1
0
XPT6 / SAM0 PDPT Read
0 1 1 0 1
1
Reserved
1 1 1 0 1
1
XPT6 / SAM0 PDPT Write
0 1 1 1 0
0
PT Read Transfer
1 1 1 1 0
0
XPT7 / SOF0 Read
0 1 1 1 0
1
PT Write Transfer
1 1 1 1 0
1
XPT7 / SOF0 Write
0 1 1 1 1
0
Reserved
1 1 1 1 1
0
XPT7 / SOF0 PDPT Read
0 1 1 1 1
1
Idle
1 1 1 1 1
1
XPT7 / SOF0 PDPT Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com