Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 72Page - Texas Instruments TMS320C80GF Datasheet HTML 73Page - Texas Instruments TMS320C80GF Datasheet HTML 74Page - Texas Instruments TMS320C80GF Datasheet HTML 75Page - Texas Instruments TMS320C80GF Datasheet HTML 76Page - Texas Instruments TMS320C80GF Datasheet HTML 77Page - Texas Instruments TMS320C80GF Datasheet HTML 78Page - Texas Instruments TMS320C80GF Datasheet HTML 79Page - Texas Instruments TMS320C80GF Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
73
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
address multiplexing
To support various RAM devices, the TMS320C80 can provide multiplexed row and column addresses on its
address bus. A full 32-bit address is always output at row time. The alignment of column addresses is configured
by the value input on the AS[2:0] pins at row time (see Figure 59).
A[31:0] Pins
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Row Time
A[31:0] Pins
AS [2:0]
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
001
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
x
x
x
x
x
2
1
0
010
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
x
x
x
x
x
x
2
1
0
011
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
x
x
x
x
x
x
x
2
1
0
100
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
x
x
x
x
x
x
x
x
2
1
0
101
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
x
x
x
x
x
x
x
x
x
2
1
0
110
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
x
x
x
x
x
x
x
x
x
x
2
1
0
111
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
x
x
x
x
x
x
x
x
x
x
x
2
1
0
Column Time
Figure 59. Address Multiplexing
dynamic bus sizing
The ’C80 supports data bus sizes of 8, 16, 32, or 64 bits as shown in Table 31. The value input on the BS[1:0]
pins at row time indicates the bus size of the addressed memory. This determines the maximum number of bytes
which the ’C80 can transfer during each column access. If the number of bytes to be transferred exceeds the
bus size, multiple accesses are performed automatically to complete the transfer.
Table 31. Bus Size Selection
BS[1:0]
BUS SIZE
0 0
8 bits
0 1
16 bits
1 0
32 bits
1 1
64 bits
The selected bus size also determines which portion of the data bus is used for the transfer. For 64-bit memory,
the entire data bus is used. For 32-bit memory, D[31:0] are used in little-endian mode and D[63:32] are used
in big-endian mode. 16-bit buses use D[15:0] and D[63:48] and 8-bit buses use D[7:0] and D[63:56] for little-
and big-endian modes, respectively. The ’C80 always aligns data to the proper portion of the bus and activates
the appropriate CAS / DQM strobes to ensure that only valid bytes are transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com