Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 21Page - Texas Instruments TMS320C80GF Datasheet HTML 22Page - Texas Instruments TMS320C80GF Datasheet HTML 23Page - Texas Instruments TMS320C80GF Datasheet HTML 24Page - Texas Instruments TMS320C80GF Datasheet HTML 25Page - Texas Instruments TMS320C80GF Datasheet HTML 26Page - Texas Instruments TMS320C80GF Datasheet HTML 27Page - Texas Instruments TMS320C80GF Datasheet HTML 28Page - Texas Instruments TMS320C80GF Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
configuration (CONFIG) register (0x0002)
The CONFIG register controls or reflects the state of certain options as shown in Figure 10.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
E
R
T
H
X
Reserved
Type
Reserved
Release
Reserved
E
R
T
H
X
Type
Release
Endian mode; 0 = big-endian, 1 = little-endian, read only
PPData RAM round robin; 0 = fixed, 1 = variable, read / write
TC PT round robin; 0 = variable, 1 = fixed, read / write.
High priority MP events; 0 = disabled, 1 = enabled, read / write
Externally initiated packet transfers; 0 = disabled, 1 = enabled, read / write
Number of PPs in device, read only
TMS320C80 version number
Figure 10. CONFIG Register
interrupt-enable (IE) register (0x0006)
The IE register contains enable bits for each of the interrupts/traps as shown in Figure 11. The
global-interrupt-enable (ie) bit and the appropriate individual interrupt-enable bit must be set in order for an
interrupt to occur.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
pe
x4
x3
bp
pb
pc
mi
p3
p2
p1
p0
io
mf
x2
x1
ti
f1
f0
fx
fu
fo
fz
fi
ie
pe
x4
x3
bp
pb
pc
mi
p3
PP error
External interrupt 4 (LINT4)
External interrupt 3 (EINT3)
Bad packet transfer
Packet transfer busy
Packet transfer complete
Message (MP self) interrupt
PP3 message interrupt
p2
p1
p0
io
mf
x2
x1
ti
PP2 message interrupt
PP1message interrupt
PP0 message interrupt
Integer overflow
Memory fault
External interrupt 2 (EINT2)
External interrupt 1 (EINT1)
MP timer interrupt
f1
f0
fx
fu
fo
fz
fi
ie
Frame-timer 1 interrupt
Frame-timer 0 interrupt
Floating-point inexact
Floating-point underflow
Floating-point overflow
Floating-point divide-by-zero
Floating-point invalid
Global-interrupt enable
Figure 11. IE Register
interrupt-pending (INTPEN) register (0x0004)
The bits in INTPEN register show the current state of each interrupt/trap. Pending interrupts do not occur unless
the ie bit and corresponding interrupt-enable bit are set. Software must write a 1 to the appropriate INTPEN bit
to clear an interrupt. Figure 12 shows the INTPEN register locations.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
pe
x4
x3
bp
pb
pc
mi
p3
p2
p1
p0
io
mf
x2
x1
ti
f1
f0
fx
fu
fo
fz
fi
Figure 12. INTPEN Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com