Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 12Page - Texas Instruments TMS320C80GF Datasheet HTML 13Page - Texas Instruments TMS320C80GF Datasheet HTML 14Page - Texas Instruments TMS320C80GF Datasheet HTML 15Page - Texas Instruments TMS320C80GF Datasheet HTML 16Page - Texas Instruments TMS320C80GF Datasheet HTML 17Page - Texas Instruments TMS320C80GF Datasheet HTML 18Page - Texas Instruments TMS320C80GF Datasheet HTML 19Page - Texas Instruments TMS320C80GF Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE†
DESCRIPTION
HOST INTERFACE
HACK
O
Host acknowledge. The ’C80 drives HACK output low following an active HREQ to indicate that it has driven
the local-memory-bus signals to the high-impedance state and is relinquishing the bus. HACK is driven high
asynchronously following HREQ being detected inactive, and then the ’C80 resumes driving the bus.
HREQ
I
Host request. An external device drives HREQ low to request ownership of the local-memory bus. When
HREQ is high, the ’C80 owns and drives the bus. HREQ is synchronized internally to the ’C80’s internal clock.
Also, HREQ is used at reset to determine the power-up state of the MP. If HREQ is low at the rising edge
of RESET, the MP comes up running. If HREQ is high, the MP remains halted until the first interrupt
occurrence on EINT3.
REQ1, REQ0
O
Internal cycle request. REQ1 and REQ0 provide a two-bit code indicating the highest-priority memory-cycle
request that is being received by the TC. External logic can monitor REQ1 and REQ0 to determine if it is
necessary to relinquish the local-memory bus to the ’C80.
SYSTEM CONTROL
CLKIN
I
Input clock. CLKIN generates the internal ’C80 clocks to which all processor functions (except the frame
timers) are synchronous.
CLKOUT
O
Local output clock. CLKOUT provides a way to synchronize external circuitry to internal timings. All ’C80
output signals (except the VC signals) are synchronous to this clock.
EINT1, EINT2, EINT3
I
Edge-triggered interrupts. EINT1, EINT2 and EINT3 allow external devices to interrupt the master processor
(MP) on one of three interrupt levels (EINT1 is the highest priority). The interrupts are rising-edge triggered.
EINT3 also serves as an unhalt signal. If the MP is powered-up halted, the first rising edge on EINT3 causes
the MP to unhalt and fetch its reset vector (the EINT3 interrupt-pending bit is not set in this case).
LINT4
I
Level-triggered interrupt. LINT4 provides an active-low level-triggered interrupt to the MP. Its priority falls
below that of the edge-triggered interrupts. Any interrupt request should remain low until it is recognized by
the ’C80.
RESET
I
Reset. RESET is driven low to reset the ’C80 (all processors). During reset, all internal registers are set to
their initial state and all outputs are driven to their inactive or high-impedance levels. During the rising edge
of RESET, the MP reset mode and the ’C80’s operating endian mode are determined by the levels of HREQ
and UTIME pins, respectively.
XPT2 – XPT0
I
External packet transfer. XPT2 – XPT0 are used by external devices to request a high-priority XPT by the TC.
EMULATION CONTROL
EMU0, EMU1‡
I/O
Emulation pins. EMU0 and EMU1 are used to support emulation host interrupts, special functions targeted
at a single processor, and multiprocessor halt-event communications.
TCK‡
I
Test clock. TCK provides the clock for the ’C80 IEEE-1149.1 logic, allowing it to be compatible with other
IEEE-1149.1 devices, controllers, and test equipment designed for different clock rates.
TDI‡
I
Test data input. TDI provides input data for all IEEE-1149.1 instructions and data scans of the ’C80.
TDO
O
Test data output. TDO provides output data for all IEEE-1149.1 instructions and data scans of the ’C80.
TMS‡
I
Test-mode select. TMS controls the IEEE-1149.1 state machine.
TRST§
I
Test reset. TRST resets the ’C80 IEEE-1149.1 module. When low, all boundary-scan logic is disabled,
allowing normal ’C80 operation.
† I = input, O = output, Z = high impedance
‡ This pin has an internal pullup and can be left unconnnected during normal operation.
§ This pin has an internal pulldown and can be left unconnnected during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com