Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 60Page - Texas Instruments TMS320C80GF Datasheet HTML 61Page - Texas Instruments TMS320C80GF Datasheet HTML 62Page - Texas Instruments TMS320C80GF Datasheet HTML 63Page - Texas Instruments TMS320C80GF Datasheet HTML 64Page - Texas Instruments TMS320C80GF Datasheet HTML 65Page - Texas Instruments TMS320C80GF Datasheet HTML 66Page - Texas Instruments TMS320C80GF Datasheet HTML 67Page - Texas Instruments TMS320C80GF Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
61
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
relative-addressing mode codes
The Lrm and Grm opcode fields allow the local-address or global-address units, respectively, to select
PP-relative addressing as shown in Table 25.
Table 25. Relative-Addressing Mode Codes
CODING
RELATIVE-ADDRESSING
MODE
00
Normal (absolute addressing)
01
Reserved
10
PP-relative dba
11
PP-relative pba
Legend:
dba – Data RAM 0 base is base address
pba – Paramater RAM base is base address
condition codes
In the four conditional parallel transfer opcodes (formats 7–10), the condition code field specifies one of 16
condition codes to be applied to the data-unit operation source, data-unit result, or global transfer based on the
setting of the c, r, and g bits, respectively. Table 26 shows the condition codes. For the 32-bit immediate data
unit opcode (format D), the condition applies to the data-unit result only.
Table 26. Condition Codes
CONDITION
BITS
MNEMONIC
DESCRIPTION
STATUS BIT COMBINATION
35
34
33
32
0
0
0
0
u
Unconditional (default)
None
0
00
1
p
Positive
~N & ~Z
0
01
0
ls
Lower than or same
~C | Z
0
01
1
hi
Higher than
C & ~Z
0
10
0
lt
Less than
(N & ~V) | (~N & V)
0
10
1
le
Less than or equal
(N & ~V) | (~N & V) | Z
0
11
0
ge
Greater than or equal
(N & V) | (~N & ~V)
0
11
1
gt
Greater than
(N & V & ~Z) | (~N & ~V & ~Z)
1
0
0
0
hs, c
Higher than or same, carry
C
1
0
0
1
lo, nc
Lower than, no carry
~C
1
0
1
0
eq, z
Equal, zero
Z
1
0
1
1
ne, nz
Not equal, not zero
~Z
1
10
0
v
Overflow
V
1
10
1
nv
No overflow
~V
1
11
0
n
Negative
N
1
1
1
1
nn
Nonnegative
~N
EALU operations
Extended ALU (EALU) operations allow the execution of more advanced ALU functions than those specified
in the base set ALU opcodes. The opcode for EALU instructions contains the operands for the operation while
the d0 register extends the opcode by specifying the EALU operation to be performed. The format of d0 for EALU
operations is shown in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com