Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 64Page - Texas Instruments TMS320C80GF Datasheet HTML 65Page - Texas Instruments TMS320C80GF Datasheet HTML 66Page - Texas Instruments TMS320C80GF Datasheet HTML 67Page - Texas Instruments TMS320C80GF Datasheet HTML 68Page - Texas Instruments TMS320C80GF Datasheet HTML 69Page - Texas Instruments TMS320C80GF Datasheet HTML 70Page - Texas Instruments TMS320C80GF Datasheet HTML 71Page - Texas Instruments TMS320C80GF Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
frame-timer control (FTCTLx) register
The FTCTLx register contains mode bits to determine frame-timer behavior.
15
14
13
12
11
10
98
76
5
4321
0
FTE
IFD
IIM
SSE
FLE
CPM
VPM
HPM
FTE
IFD
IIM
SSE
FLE
CPM
Frame-timer enable
Interlaced frame disable
Interlace interrupt mode
Set synchronization enable
Frame lock enable
CSYNC / HBLNK pin mode
00 – CSYNC Hi-Z
10 – CSYNC output
01 – CSYNC input
11 – HBLNK output
VPM
HPM
VSYNC Pin Mode
00 – Hi-Z
10 – Output
01 – Input
11 – Reserved
HSYNC Pin Mode
00 – Hi-Z
10 – Output
01 – Input
11 – Reserved
Figure 49. FTCTLx Register
SRT controller registers
The SRT controller has two sets of 32-bit registers, one for each of the supported frame memory regions. The
location of these registers in on-chip memory-mapped register space is shown in Figure 50.
Address
Address
FMEMCTL0
0x01820300
FMEMCTL1
0x01820340
F1STADR0
0x01820304
F1STADR1
0x01820344
F0STADR0
0x01820308
F0STADR1
0x01820348
LINEINC0
0x0182030C
LINEINC1
0x0182034C
SAMMASK0
0x01820310
SAMMASK1
0x01820350
NEXTADR0
0x01820314
NEXTADR1
0x01820354
CRNTADR0
0x0182033C
CRNTADR1
0x0182037C
Figure 50. SRT Controller Register Map
SRT controller register programming
The register format for the frame memory control registers is shown in Figure 51. All other registers are 32-bit
values. For programming details, see the
TMS320C80 Video Controller User’s Guide (literature number
SPRU111).
FMEMCTLx Register
The frame memory control (FMEMCTLx) register contains mode bits to determine operation of the associated
frame memory.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
H
S
S
I
L
R
P
T
S
TMS
EMS
U
E
D
FTS
HSS
ILR
PTS
TMS
Half-SAM select
Interlaced line repeat
Packet transfer select
Transfer mode select
00 – Display
10 – Capture
01 – Reserved
11 – Merge capture
EMS
UED
FTS
Event mode select
00 – sof, line, sam
10 – sof, line
01 – sof, eof, sam
11 – none
Unblanked event disable
Frame timer sequencer
00 – ft0 / disabled
10 – ft1 / disabled
01 – ft0 / enabled
11 – ft1 / enabled
Figure 51. FMEMCTLx Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com