Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 82 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 78Page - Texas Instruments TMS320C80GF Datasheet HTML 79Page - Texas Instruments TMS320C80GF Datasheet HTML 80Page - Texas Instruments TMS320C80GF Datasheet HTML 81Page - Texas Instruments TMS320C80GF Datasheet HTML 82Page - Texas Instruments TMS320C80GF Datasheet HTML 83Page - Texas Instruments TMS320C80GF Datasheet HTML 84Page - Texas Instruments TMS320C80GF Datasheet HTML 85Page - Texas Instruments TMS320C80GF Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
79
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
DRAM-type cycles
The DRAM-type cycles are page-mode accesses consisting of a row access followed by one or more column
accesses. Column accesses may be one, two, or three clock cycles in length with two and three cycle accesses
allowing the insertion of wait states to accommodate slow devices. Idle cycles can occur after necessary column
accesses have completed or between column accesses due to “bubbles” in the TC data-flow pipeline. The
pipeline diagrams in Figure 63 show the pipeline stages for each access type and when the CAS / DQM signal
corresponding to the column access is activated.
CAS/DQM
Col A
-/A
c1
A/B
c2
B/C
c3
C/-
c3
Col B
c1
c2
c3
Col C
c1
c2
ci
Idle
ci
ci
Pipelined 1 cycle/column (CT = 100)
reads, read transfers, split read transfers
CAS/DQM
Col A
A
c1
B
c2
C-
Col B
c1
c2
Col C
c1
c2
Idle
ci
ci
Nonpipelined 1 cycle/column (CT = 101)
reads, read transfers, split read transfers
CAS/DQM
Col A
A
c1
BC
Col B
c1
Col C
c1
Idle
ci
Nonpipelined 1 cycle/column (CT = 101)
writes, LCRs, block writes, write transfers, split write transfers
CAS/DQM
Col A
c1
A
c2
A
c3
-
-
-
-
-
-
c3
Col B
c1
c2
3 cycle/column (CT = 111)
all cycles (except refresh)
CAS/DQM
Col A
A
c1
BC
Col B
c1
Col C
c1
Idle
ci
Pipelined 1 cycle/column (CT = 100)
writes, LCRs, block writes, write transfers, split write transfers
CAS/DQM
Col A c1
A
c2
B
-
-
Col B
c1
c2
-
-
2 cycle/column (CT = 110)
all cycles (except refresh)
C
Col C
Idle
c1
c2
-
-
ci
ci
BB
C
Col C
-
-
-
-
-
-
c3
c1
c2
-
-
-
Idle
C
-
-
-
ci
ci
ci
Figure 63. DRAM Cycle Column Pipelines
read cycles
Read cycles transfer data or instructions from external memory to the ’C80. The cycles can occur as a result
of a packet transfer, cache request, or DEA request. During the cycle, W is held high, TRG / CAS is driven low
after RAS to enable memory output drivers and DDIN is low so that data transceivers drive into the ’C80. The
TC places D[63:0] in high impedance allowing it to be driven by the memory and latches input data during the
appropriate column state. The TC always reads 64 bits and extracts and aligns the appropriate bytes. Invalid
bytes for bus sizes of less than 64 bits are discarded. During peripheral device packet transfers, DBEN remains
high. Read cycles are shown in Figure 64 through Figure 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com