Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 15Page - Texas Instruments TMS320C80GF Datasheet HTML 16Page - Texas Instruments TMS320C80GF Datasheet HTML 17Page - Texas Instruments TMS320C80GF Datasheet HTML 18Page - Texas Instruments TMS320C80GF Datasheet HTML 19Page - Texas Instruments TMS320C80GF Datasheet HTML 20Page - Texas Instruments TMS320C80GF Datasheet HTML 21Page - Texas Instruments TMS320C80GF Datasheet HTML 22Page - Texas Instruments TMS320C80GF Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
architecture (continued)
PP0 Data RAM0
(2K Bytes)
0x00000000
0x000007FF
0x00000800
PP0 Data RAM1
(2K Bytes)
0x00000FFF
0x00001000
PP1 Data RAM0
(2K Bytes)
0x000017FF
0x00001800
PP1 Data RAM1
(2K Bytes)
0x00001FFF
0x00002000
PP2 Data RAM0
(2K Bytes)
0x000027FF
0x00002800
PP2 Data RAM1
(2K Bytes)
0x00002FFF
0x00003000
PP3 Data RAM0
(2K Bytes)
0x000037FF
0x00003800
PP3 Data RAM1
(2K Bytes)
0x00003FFF
0x00004000
Reserved
(16K Bytes)
0x00007FFF
0x00008000
PP0 Data RAM2
(2K Bytes)
0x000087FF
0x00008800
Reserved
(2K Bytes)
0x00008FFF
0x00009000
PP1 Data RAM2
(2K Bytes)
0x000097FF
0x00009800
Reserved
(2K Bytes)
0x00009FFF
0x0000A000
PP2 Data RAM2
(2K Bytes)
0x0000A7FF
0x0000A800
Reserved
(2K Bytes)
0x0000AFFF
0x0000B000
PP3 Data RAM2
(2K Bytes)
0x0000B7FF
0x0000B800
Reserved
(16 730 112 Bytes)
0x00FFFFFF
0x01000000
PP0 Parameter RAM
(2K Bytes)
0x010007FF
0x01000800
Reserved
(2K Bytes)
0x01000FFF
0x01001000
PP1 Parameter RAM
(2K Bytes)
0x010017FF
0x01001800
Reserved
(2K Bytes)
0x01001FFF
0x01002000
PP2 Parameter RAM
(2K Bytes)
0x010027FF
0x01002800
Reserved
(2K Bytes)
0x01002FFF
0x01003000
PP3 Parameter RAM
(2K Bytes)
0x010037FF
External Memory
(4 064M Bytes)
0xFFFFFFFF
Reserved
(8 327 168 Bytes)
0x01FFFFFF
0x02000000
Memory-Mapped VC Registers
(512 Bytes)
0x018203FF
0x01820400
Memory-Mapped TC Registers
(512 Bytes)
0x018201FF
0x01820200
Reserved
(28K Bytes)
0x0181FFFF
0x01820000
MP Instruction Cache
(4K Bytes)
0x01818FFF
0x01819000
Reserved
(28K Bytes)
0x01817FFF
0x01818000
MP Data Cache
(4K Bytes)
0x01810FFF
0x01811000
Reserved
(6K Bytes)
0x018077FF
0x01807800
PP2 Instruction Cache
(2K Bytes)
0x01805FFF
0x01806000
Reserved
(6K Bytes)
0x018057FF
0x01805800
PP1 Instruction Cache
(2K Bytes)
0x01803FFF
0x01804000
Reserved
(6K Bytes)
0x018037FF
0x01803800
PP0 Instruction Cache
(2K Bytes)
0x01801FFF
0x01802000
Reserved
(8 327 168 Bytes)
0x018017FF
0x01801800
Reserved
(51 200 Bytes)
MP Parameter RAM
(2K Bytes)
0x010107FF
0x01010800
0x0100FFFF
0x01010000
0x01003800
Reserved
(32K Bytes)
0x0180FFFF
0x01810000
0x01807FFF
0x01808000
PP3 Instruction Cache
(2K Bytes)
Figure 2. Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com