Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 69Page - Texas Instruments TMS320C80GF Datasheet HTML 70Page - Texas Instruments TMS320C80GF Datasheet HTML 71Page - Texas Instruments TMS320C80GF Datasheet HTML 72Page - Texas Instruments TMS320C80GF Datasheet HTML 73Page - Texas Instruments TMS320C80GF Datasheet HTML 74Page - Texas Instruments TMS320C80GF Datasheet HTML 75Page - Texas Instruments TMS320C80GF Datasheet HTML 76Page - Texas Instruments TMS320C80GF Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
70
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PT-options field
The PT-options field of the parameter table controls the type of src and dst transfer that the TC performs. The
formats of the options field for long-form and short-form packet transfers are shown in Figure 58.
Long-Form PT Options
3
1
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
S
PTS
I
R
D
C
R
D
B
R
A
R
S
C
R
S
B
S
F
X
PAM
STM
SUM
DTM
DUM
S
PTS
I
RDC
RDB
RA
RSC
RSB
SF
X
Stop Bit
PT Status
00 – Active
10 – Fault on Src
01 – Suspended
11 – Fault on Dst
Stop Bit
Reverse Dst C Addressing
Reverse Dst B Addressing
Reverse A Addressing
Reverse Src C Addressing
Reverse Src B Addressing
Short Form
Exchange Src and Dst Parameters
PAM
STM / DTM
SUM / DTM
PT Access Mode
000 – Normal
100 – 8-Bit Transparency
001 – PDT
101 – 16-Bit Transparency
010 – Block Write
110 – 32-Bit Transparency
011 – SRT
111 – 64-Bit Transparency
Src / Dst Transfer Mode
000 – Dimensioned
100 – Variable, Delta-Guided
001 – Fill (Src Only) 101 – Variable,
Offset-Guided
010 – Reserved
110 – Fixed, Delta-Guided
011 – LUT (Src Only) 111 – Fixed, Offset-Guided
Src / Dst Update Mode
00 – None
01 – Add C Pitch
01 – Add B Pitch
11 – Add C Pitch / Reverse
Short-Form PT Options
3
1
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
S
PTS
I
R
A
S
F
X
PAM
Count
S
PTS
I
RA
Stop Bit
PT Status
00 – Active
10 – Fault on Src
01 – Suspended
11 – Fault on Dst
Stop Bit
Reverse Addressing
RA
X
PAM
Reverse Addressing
Exchange Src & Dst Parameters
PT Access Mode
000 – Normal
100 – Reserved
001 – PDT
101 – Reserved
010 – Reserved
110 – Reserved
011 – SRT
111 – Reserved
Figure 58. PT-Options Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com