Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 73Page - Texas Instruments TMS320C80GF Datasheet HTML 74Page - Texas Instruments TMS320C80GF Datasheet HTML 75Page - Texas Instruments TMS320C80GF Datasheet HTML 76Page - Texas Instruments TMS320C80GF Datasheet HTML 77Page - Texas Instruments TMS320C80GF Datasheet HTML 78Page - Texas Instruments TMS320C80GF Datasheet HTML 79Page - Texas Instruments TMS320C80GF Datasheet HTML 80Page - Texas Instruments TMS320C80GF Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
74
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
cycle time selection
The ’C80 supports eight basic sets of memory timings to support various memory types directly. The cycle timing
is selected by the value input on the CT[2:0] and UTIME pins at row time. The selected timing remains in effect
until the next row access. See Table 32 for Cycle-timing selections.
Table 32. Cycle-Timing Selection
UTIME
CT[2:0]
MEMORY TIMING
0
0
0
0
Reserved
0
0
0
1
SDRAM: burst length 1, read latency 4
0
0
1
0
Reserved
0
0
1
1
SDRAM: burst length 2, read latency 4
0
1
0
0
User timed DRAM: pipelined 1 cycle / column
0
1
0
1
User timed DRAM: 1 cycle / column
0
1
1
0
User timed DRAM: 2 cycle / column
0
1
1
1
User timed DRAM: 3 cycle / column
1
0
0
0
SDRAM: burst length 1, read latency 2
1
0
0
1
SDRAM: burst length 1, read latency 3
1
0
1
0
SDRAM: burst length 2, read latency 2
1
0
1
1
SDRAM: burst length 2, read latency 3
1
1
0
0
DRAM: pipelined 1 cycle / column
1
1
0
1
DRAM: 1 cycle / column
1
1
1
0
DRAM: 2 cycle / column
1
1
1
1
DRAM: 3 cycle / column
page sizing
Whenever an external memory access occurs, the TC records the 26 most significant bits of the address in its
internal LASTPAGE register. The address of each subsequent (column) access is compared to this value. The
page size value input on the PS[3:0] pins determines which bits of LASTPAGE are used for this comparison.
If a difference exists between the enabled LASTPAGE bits and the corresponding bits of the next access then
the page has changed and the next memory access begins with a new row-address cycle (see Table 33).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com