Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 61 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 57Page - Texas Instruments TMS320C80GF Datasheet HTML 58Page - Texas Instruments TMS320C80GF Datasheet HTML 59Page - Texas Instruments TMS320C80GF Datasheet HTML 60Page - Texas Instruments TMS320C80GF Datasheet HTML 61Page - Texas Instruments TMS320C80GF Datasheet HTML 62Page - Texas Instruments TMS320C80GF Datasheet HTML 63Page - Texas Instruments TMS320C80GF Datasheet HTML 64Page - Texas Instruments TMS320C80GF Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
58
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
ALU-operation code
For base-set ALU Boolean opcodes (A=0), the ALU function is formed by a sum of Boolean products selected
by the ALU operation opcode bits as shown in Table 18. For base-set arithmetic opcodes (A=1), the four odd
ALU operation bits specify an arithmetic operation as described in Table 19 while the four even bits specify one
of the ALU function modifiers as shown in Table 20.
Table 18. Base-Set ALU Boolean Function Codes
OPCODE BIT
PRODUCT TERM
58
A & B & C
57
~A & B & C
56
A & ~B & C
55
~A & ~B & C
54
A & B & ~C
53
~A & B & ~C
52
A & ~B & ~C
51
~A & ~B & ~C
Table 19. Base-Set Arithmetics
OPCODE BITS
CARRY
ALGEBRAIC DESCRIPTION
NATURAL
MODIFIED FUNCTION
(IF DIFFERENT FROM
57
55
53
51
IN
ALGEBRAIC DESCRIPTION
FUNCTION
(IF DIFFERENT FROM
NATURAL FUNCTION)
0
0
0
0
x
0
00
1
1
A – (B | C)
A – B <1<
0
01
0
0
A + (B & ~C)
A + B <0<
0
01
1
1
A – C
A – C
0
10
0
1
A – (B | ~C)
A – B >1>
(A – (B & C)) if sign=0
0
10
1
1
A – B
A – B
0
1
1
0
C(n)
A – (B & @mf | –B & ~@mf)
A + B / A – B
if class 0 or 5
1/0
A + |B|
A + B / A – B
if class 1–4 or 6–7, A–B if sign=1
0
11
1
1
A – (B & C)
A – B>0>
1
00
0
0
A + (B & C)
A + B>0>
1
0
0
1
~C(n)
A + (B & @mf | –B & ~@mf)
A – B / A + B
if class 0 or 5
0/1
A – |B|
A – B / A + B
if class 1–4 or 6–7, A+B if sign=1
1
01
0
0
A + B
A + B
1
01
1
0
A + (B | ~C)
A + B >1>
(A + (B & C)) if sign=0
1
10
0
0
A + C
A + C
1
10
1
1
A – (B & ~C)
A – B <0<
1
11
0
0
A + (B | C)
A + B <1<
1
11
1
0
(A & C) + (B & C)
field A + B
Legend:
C(n)
LSB of each part of C port register
>0>
Zero-extend shift right
<0<
Zero-extend shift left
>1>
One-extend shift right
<1<
One-extend shift left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com