Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 37Page - Texas Instruments TMS320C80GF Datasheet HTML 38Page - Texas Instruments TMS320C80GF Datasheet HTML 39Page - Texas Instruments TMS320C80GF Datasheet HTML 40Page - Texas Instruments TMS320C80GF Datasheet HTML 41Page - Texas Instruments TMS320C80GF Datasheet HTML 42Page - Texas Instruments TMS320C80GF Datasheet HTML 43Page - Texas Instruments TMS320C80GF Datasheet HTML 44Page - Texas Instruments TMS320C80GF Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PP data-unit registers
The data unit contains eight 32-bit general-purpose data registers (d0–d7) referred to as the D registers. The
d0 register also acts as the control register for EALU operations.
d0 register
Figure 24 shows the format when d0 is used as the EALU control register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FMOD
A
EALU Function Code
C
I
S
N
E
F
–
–
–
DMS
M R
–
DBR
FMOD
A
C
I
S
N
Function modifiers
Arithmetic enable
EALU carry-In
Invert-carry-In
Sign extend
Nonmultiple mask
E
F
DMS
M
R
DBR
Explicit multiple carry-In
Expanded mf
Default multiply shift amount
Split multiply
Rounded multiply
Default barrel rotate amount
Figure 24. d0 Format for EALU Operations
multiple flags (mf) register
The mf register records status information from each split ALU segment for multiple arithmetic operations. The
mf register may be expanded to generate a mask for the ALU. Figure 25 shows the mf register format.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 25. mf Register Format
status register (sr)
The sr contains status and control bits for the PP ALU. Figure 26 shows the sr register format.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
N
C
V
Z
LV
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
MSS
R
Msize
Asize
N
C
V
Z
LV
R
Negative status bit
Carry status bit
Overflow status bit
Zero status bit
Latched overflow
Rotation bit
MSS
Msize
Asize
mf Status selection
00 – set by zero
10 – set by extended result
01 – set by sign
11 – reserved
Expander data size
Split ALU data size
Figure 26. sr Format
PP address-unit registers
address registers
The address unit contains ten 32-bit address registers which contain the base address for address
computations or which can be used for general-purpose data. The registers a0 – a4 are used for local address
computations and registers a8–a12 are used for global-address computations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com