Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 53Page - Texas Instruments TMS320C80GF Datasheet HTML 54Page - Texas Instruments TMS320C80GF Datasheet HTML 55Page - Texas Instruments TMS320C80GF Datasheet HTML 56Page - Texas Instruments TMS320C80GF Datasheet HTML 57Page - Texas Instruments TMS320C80GF Datasheet HTML 58Page - Texas Instruments TMS320C80GF Datasheet HTML 59Page - Texas Instruments TMS320C80GF Datasheet HTML 60Page - Texas Instruments TMS320C80GF Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
54
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PP opcode formats (continued)
Table 13. Parallel Transfer Mnemonics
MNEMONIC
FUNCTION
0bank
Bits 5–3 of global transfer source/destination register code (bit 6 assumed to be 0)
Adstbnk
Bits 6–3 of ALU destination register code
As1bank
Bits 6–3 of ALU source 1 register code
bank
Bits 6–3 of global (or local) store source or load destination
c
Conditional choice of D register for src1 operand of the ALU
C
Protect status register’s carry bit
cond
Condition code
d
D register or lower 3 bits of register code for local transfer source/destination
D
Duplicate least significant data during moves
dst
The three lowest bits of the register code for move or field move destination
dstbank
Bits 6–3 of move destination register code
e
Sign extend local (bit 31), sign extend global (bit 9)
g
Conditional global transfer
Ga
Global address register for load, store, or address unit arithmetic
Gim / X
Global address unit immediate offset or index register
Gmode
Global unit addressing mode
Grm
Global PP-relative addressing mode
itm
Number of item selected for field extract move
L
L = 1 selects load operation, L = 0 selects store / address unit arithmetic operation
La
Local address register for load, store, or address unit arithmetic
Lim / X
Local address unit immediate offset or index register
Lmode
Local unit addressing mode
Lrm
Local PP-relative addressing mode
N
Protect status register’s negative bit
r
Conditional write of ALU result
reg
Register number used with bank or 0bank for global load, store, or address unit arithmetic
s
Enable index scaling. Additional index bit for byte accesses or arithmetic operations (bit 28, local; bit 6, global)
size
Size of data transfer (bits 30 – 29, local; bits 8 – 7, global)
src
Three lowest bits of register code for register-register move source or non-field moves. D register source for field move
srcbank
Bits 6–3 of register code for register-register move source
V
Protect status register’s overflow bit
Z
Protect status register’s zero bit
–
Unused bit (fill with 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com