Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 82Page - Texas Instruments TMS320C80GF Datasheet HTML 83Page - Texas Instruments TMS320C80GF Datasheet HTML 84Page - Texas Instruments TMS320C80GF Datasheet HTML 85Page - Texas Instruments TMS320C80GF Datasheet HTML 86Page - Texas Instruments TMS320C80GF Datasheet HTML 87Page - Texas Instruments TMS320C80GF Datasheet HTML 88Page - Texas Instruments TMS320C80GF Datasheet HTML 89Page - Texas Instruments TMS320C80GF Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
83
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
read cycles (continued)
col
col
col
ci‡
col
col†
col
col
col
col
col
r6
r5
r4
r3
r2
r1
r1
State
CLKOUT
CT[2:0]
AS[2:0]
BS[1:0]
PS[3:0]
UTIME
FAULT
READY
RETRY
STATUS[5:0]
A[31:0]
RAS
CAS / DQM[7:0]
DSF
TRG / CAS
D[63:0]
DBEN
DDIN
UTIME
RAS
CAS / DQM[7:0]
W
RL
A
C
B
C
B
A
C
B
A
Column C
Column B
Row
PAC
PAC
Cycle Type
c3
c2
c1
Col A
Col B
Col C
For user-modified timing:
Column A
7
† Wait state inserted by external logic (example)
‡ Internally generated pipeline bubble (example)
Idle
c3
c3
c2
c1
c3
c2
c1
PAC
0 For Normal Reads, 1 For PDPT Reads
Figure 67. 3 Cycles / Column Read-Cycle Timing
write cycles
Write cycles transfer data from the ’C80 to external memory. These cycles can occur as a result of a packet
transfer, a DEA request, or an MP data cache write-back. During the cycle TRG / CAS is held high, W is driven
low after the fall of RAS to enable early-write cycles, and DDIN is high so that data transceivers drive toward
memory. The TC drives data out on D[63:0] and indicates valid bytes by activating the appropriate CAS / DQM
strobes. During peripheral device packet transfers, DBEN remains high and D[63:0] is placed in high impedance
so that the peripheral device can drive data into the memory. Write cycles are shown in Figure 68 through
Figure 71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com