Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 67Page - Texas Instruments TMS320C80GF Datasheet HTML 68Page - Texas Instruments TMS320C80GF Datasheet HTML 69Page - Texas Instruments TMS320C80GF Datasheet HTML 70Page - Texas Instruments TMS320C80GF Datasheet HTML 71Page - Texas Instruments TMS320C80GF Datasheet HTML 72Page - Texas Instruments TMS320C80GF Datasheet HTML 73Page - Texas Instruments TMS320C80GF Datasheet HTML 74Page - Texas Instruments TMS320C80GF Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
68
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PT maximum (PTMAX) register (0x01820008)
The PTMAX register determines the maximum number of cycles after PTMIN has elapsed that a packet transfer
executes before timing out. Figure 55 showns the format of the PTMAX register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PTMAX
Figure 55. PTMAX Register
fault status (FLTSTS) register (0x0182000C)
The FLTSTS register indicates the cause of a memory access fault. Fault status bits are cleared by writing a
1 to the appropriate bit. Figure 56 shows the format of the fault status (FLTSTS) register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
P
C
P
C
P
C
P
C
P
P
P
P
P
P
P
P
XPT
M
PP #
3210
PP#
321
0
PC
PP
PPx Cache / DEA Fault
PPx Packet-Transfer Fault
XPT
M
Faulting XPT
MP Packet-Transfer Fault
Figure 56. FLTSTS Register
packet-transfer parameters
The most efficient method for data movement in a TMS320C80 system is through the use of packet transfers
(PTs). Packet transfers allow the TC to move blocks of data autonomously between a specified src and dst
memory region. Requests for the TC to execute a packet transfer may be made by the MP, PPs, VC, or external
devices. A packet-transfer parameter table describing the data packet and how it is to be transferred must be
programmed in on-chip memory before the transfer is requested. The parameter table formats for long-form and
short-form packet transfers are shown in Figure 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com