Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 61Page - Texas Instruments TMS320C80GF Datasheet HTML 62Page - Texas Instruments TMS320C80GF Datasheet HTML 63Page - Texas Instruments TMS320C80GF Datasheet HTML 64Page - Texas Instruments TMS320C80GF Datasheet HTML 65Page - Texas Instruments TMS320C80GF Datasheet HTML 66Page - Texas Instruments TMS320C80GF Datasheet HTML 67Page - Texas Instruments TMS320C80GF Datasheet HTML 68Page - Texas Instruments TMS320C80GF Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
62
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
EALU Boolean functions
EALU operations support all 256 Boolean ALU functions plus the flexibility to add 1 or a carry-in to Boolean sum.
The Boolean function performed by the ALU are shown below and in Table 27.
(F0 & (~A & ~B & ~C)) | (F1 & (A & ~B & ~C)) | (F2 & (~A & B & ~C))
|
(F3 & (A & B & ~C)) | (F4 & (~A & ~B & C)) | (F5 & (A & ~B & C))
|
(F6 & (~A & B & C)) | (F7 & (A & B & C)) [+1 | +cin]
Table 27. EALU Boolean Function Codes
d0 BIT
ALU FUNCTION SIGNAL
PRODUCT TERM
26
F7
A & B & C
25
F6
~A & B & C
24
F5
A & ~B & C
23
F4
~A & ~B & C
22
F3
A & B & ~C
21
F2
~A & B & ~C
20
F1
A & ~B & ~C
19
F0
~A & ~B & ~C
EALU arithmetic functions
EALU operations support all 256 arithmetic functions provided by the three-input ALU plus the flexibility to add
1 or a carry-in to the result. The arithmetic function performed by the ALU is:
f(A,B,C) = A & f1(B,C) + f2(B,C) [+1 | cin]
f1(B,C) and f2(B,C) are independent Boolean combinations of the B and C ALU inputs. The ALU function is
specified by selecting the desired f1 and f2 subfunction and then XORing the f1 and f2 code from Table 28 to
create the ALU function code for bits 19–26 of d0. Additional operations such as absolute values and signed
shifts can be performed using d0 bits which control the ALU function based on the sign of one of the inputs.
Table 28. ALU f1(B,C) and f2(B,C) Subfunctions
f1
CODE
f2
CODE
SUBFUNCTION
COMMON USAGE
00
00
0
Zero the term
AA
FF
–1
–1 (All 1s)
88
CC
B
B
22
33
–B –1
Negate B
A0
F0
C
C
0A
0F
–C –1
Negate C
80
C0
B & C
Force bits in B to 0 where bits in C are 0
2A
3F
–(B & C) – 1
Force bits in B to 0 where bits in C are 0 and negate
A8
FC
B | C
Force bits in B to 1 where bits in C are 1
02
03
–(B | C) – 1
Force bits in B to 1 where bits in C are 1 and negate
08
0C
B & ~C
Force bits in B to 0 where bits in C are 1
A2
F3
–(B & ~C) –1
Force bits in B to 0 where bits in C are 1 and negate
8A
CF
B | ~C
Force bits in B to 1 where bits in C are 0
20
30
–(B | ~C) –1
Force bits in B to 1 where bits in C are 0 and negate
28
3C
(B & ~C) | ((–B – 1) & C)
Choose B if C = all 0s and –B if C = all 1s
82
C3
(B & C) | ((–B – 1) & ~C)
Choose B if C = all 1s and –B if C = all 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com