Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 48Page - Texas Instruments TMS320C80GF Datasheet HTML 49Page - Texas Instruments TMS320C80GF Datasheet HTML 50Page - Texas Instruments TMS320C80GF Datasheet HTML 51Page - Texas Instruments TMS320C80GF Datasheet HTML 52Page - Texas Instruments TMS320C80GF Datasheet HTML 53Page - Texas Instruments TMS320C80GF Datasheet HTML 54Page - Texas Instruments TMS320C80GF Datasheet HTML 55Page - Texas Instruments TMS320C80GF Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PP instruction set (continued)
Table 10. Summary of Data-Unit Operations
Operation
Base set ALUs
Description
Perform an ALU operation specifying ALU function, 2 src and 1 dest operand, and operand routing. ALU function is one of
256 three-input Boolean operations or one of 17 arithmetic operations combined with one of 15 function modifiers.
Syntax
dst = [fmod] [ [[cond [.pro] ]] ] ALU_EXPRESSION
Examples
d6 = (d6 ^ d4) & d2
d3 = [nn.nv] d1 –1
Operation
EALU || ROTATE
Description
Perform an extended ALU (EALU) operation (specified in d0) with one of two data routings to the ALU and optionally write
the barrel rotator output to a second dest register. ALU Function is one of 256 Boolean or 256 arithmetic.
Syntax
dst1 = [ [[cond [.pro] ]] ] ealu (src2, [dst2 = ] [ [[cond]] src1 [[[n]] src1–1] \\ src3, [%] src4)
dst1 = [fmod] [ [[cond [.pro] ]] ] ealu (label:EALU_EXPRESSION [ || dst2 = [[cond]] src1 [ [[n]] src1–1] \\ src3])
Examples
d7 = [nn] ealu(d2, d6 = [nn] d3\\d1, %d4)
d3 = mzc ealu(mylabel: d4 + (d5\\d6 & %d7) || d1 = d5\\d6)
Operation
MPY || ADD
Description
Perform a 16x16 multiply with optional parallel add or subtract. Condition code applies to both multiply and add.
Syntax
dst2 = [sign] [ [[cond]] ] src3 * src4 [ || dst = [ [[cond[.pro] ]] ] src2 + src1 [ [[n]] src1 –1] ]
dst2 = [sign] [ [[cond]] ] src3 * src4 [ || dst = [ [[cond[.pro] ]] ] src2 – src1 [ [[n]] src1 –1] ]
Example
d7 = u d6 * d5 || d5 = d4 – d1
Operation
MPY || SADD
Description
Perform a 16x16 multiply with a parallel right-shift and add or subtract. Condition code applies to multiply, shift, and add.
Syntax
dst2 = [sign] [ [[cond]] ] src3 * src4 || dst = [ [[ cond [.pro] ]] ] src2 + src1 [ [[n]] src1 –1] >> –d0
dst2 = [sign] [ [[cond]] ] src3 * src4 || dst = [ [[ cond [.pro] ]] ] src2 – src1 [ [[n]] src1 –1] >> –d0
Examples
d7 = u d6 * d5 || d5 = d4 – d1 >> –d0
Operation
MPY || EALU
Description
Perform a multiply and an optional parallel EALU. Multiply can use rounding, scaling, or splitting features.
Syntax
Generic Form:
dst2 = [sign] [ [[cond]] ] src3 * src4 || dst = [ [[cond [.pro] ]] ] ealu[f] (src2, src1 [ [[n]] src1 –1] \\ d0, %d0)
dst2 = [sign] [ [[cond]] ] src3 * src4 || ealu()
Explicit Form:
dst2 = [sign] [opt] [ [[cond]] ] src3 * src4 [<<dms] || dst1 = [fmod] [ [[cond [.pro] ]] ] ealu (label: EALU_EXPRESSION)
dst2 = [sign] [opt] [ [[cond]] ] src3 * src4 [<<dms] || ealu (label)
Examples
d7 = [p] d5 * d3 || d2 = [p] ealu(d1, d6\\d0, %d0)
; generic form
d2 = m d4 * d7 || d3 = ealu (mylabel: d3 + d2 >> 9)
; explicit form
Operation
divi
Description
Perform one iteration of unsigned divide algorithm. Generates one quotient bit per execution using iterative subtraction.
Syntax
dst1 = [ [[cond [.pro] ]] ] divi (src2, dst2 = [[cond]] src1 [ [[n]] src1 –1])
Examples
d3 = divi (d1, d2 = d2)
d3 = divi (d1, d2 = d3[n]d2)
Legend:
[ ]
Optional parameter extension
cond
Condition code
[[ ]]
Square brackets ([ ]) must be used
fmod
Function modifier
pro
Protect status bits
dms
Default multiply shift amount
f
Use 1s compliment of d0
sign
u = unsigned, s = signed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com