Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 25Page - Texas Instruments TMS320C80GF Datasheet HTML 26Page - Texas Instruments TMS320C80GF Datasheet HTML 27Page - Texas Instruments TMS320C80GF Datasheet HTML 28Page - Texas Instruments TMS320C80GF Datasheet HTML 29Page - Texas Instruments TMS320C80GF Datasheet HTML 30Page - Texas Instruments TMS320C80GF Datasheet HTML 31Page - Texas Instruments TMS320C80GF Datasheet HTML 32Page - Texas Instruments TMS320C80GF Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
26
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MP cache architecture
The MP contains two four-way set-associative, 4K caches for instructions and data. Each cache is divided into
four sets with four blocks in each set. Each block represents 256 bytes of contiguous instructions or data and
is aligned to a 256-byte address boundary. Each block is partitioned into four sub-blocks that each contain
sixteen 32-bit words and are aligned to 64-byte boundaries within the block. Cache misses cause one sub-block
to be loaded into cache. Figure 18 shows the cache architecture for one of the four sets in each cache. Figure 19
shows how addresses map into the cache using the cache tags and address bits.
Set 0
Block 0
Block 1
Block 2
Block 3
Tag Reg 0 (Block 0)
Tag Reg 1 (Block 1)
Tag Reg 2 (Block 2)
Tag Reg 3 (Block 3)
LRU in SET 0
NLRU in SET 0
NMRU in SET 0
MRU in SET 0
LRU Stack for SET 0
Figure 18. MP Cache Architecture (x4 Sets)
32-Bit Logical Address
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
S
S
s
s
W
W
W
W
B
B
Set 0
Bank 0
Set 2
Bank 1
Set 1
Set 3
SS A A s
s
11 10 9876
WWWW B B
543210
Address in On-Chip
Cache Bank
On-Chip MP 2K Cache RAMS
T – Tag Address Bits
s – Sub-Block (within block) Select (0 – 3)
B – Byte (within word) Select (0 – 3)
S – Set Select Bits (0 – 3)
W – Word (within sub-block) Select (0 – 15)
A – Block Select (which tag matched) (0 – 3)
Figure 19. MP Cache Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com