Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 20Page - Texas Instruments TMS320C80GF Datasheet HTML 21Page - Texas Instruments TMS320C80GF Datasheet HTML 22Page - Texas Instruments TMS320C80GF Datasheet HTML 23Page - Texas Instruments TMS320C80GF Datasheet HTML 24Page - Texas Instruments TMS320C80GF Datasheet HTML 25Page - Texas Instruments TMS320C80GF Datasheet HTML 26Page - Texas Instruments TMS320C80GF Datasheet HTML 27Page - Texas Instruments TMS320C80GF Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MP control registers
In addition to the general-purpose registers, there are a number of control registers that are used to represent
the state of the processor. Table 1 shows the control register numbers of the accessible registers.
Table 1. Control Register Numbers
NO.
NAME
DESCRIPTION
NO.
NAME
DESCRIPTION
0x0000
EPC
Exception Program Counter
0x0015–0x001F
—
Reserved
0x0001
EIP
Exception Instruction Pointer
0x0020
SYSSTK
System Stack Pointer
0x0002
CONFIG
Configuration
0x0021
SYSTMP
System Temporary Register
0x0003
—
Reserved
0x0022–0x002F
—
Reserved
0x0004
INTPEN
Interrupt Pending
0x0030
MPC
Emulator Exception Program Cntr
0x0005
—
Reserved
0x0031
MIP
Emulator Exception Instruction Ptr
0x0006
IE
Interrupt Enable
0x0032
—
Reserved
0x0007
—
Reserved
0x0033
ECOMCNTL
Emulator Communication Control
0x0008
FPST
Floating-Point Status
0x0034
ANASTAT
Emulation Analysis Status Reg
0x0009
—
Reserved
0x0035–0x0038
—
Reserved
0x000A
PPERROR
PP Error Indicators
0x0039
BRK1
Emulation Breakpoint 1 Reg.
0x000B
—
Reserved
0x003A
BRK2
Emulation Breakpoint 2 Reg.
0x000C
—
Reserved
0x003B–0x01FF
—
Reserved
0x000D
PKTREQ
Packet Request Register
0x0200 – 0x020F
ITAG0 – 15
Instruction Cache Tags 0 to 15
0x000E
TCOUNT
Current Counter Value
0x0300
ILRU
Instruction Cache LRU Register
0x000F
TSCALE
Counter Reload Value
0x0400–0x040F
DTAG0 – 15
Data Cache Tags 0 to 15
0x0010
FLTOP
Faulting Operation
0x0500
DLRU
Data Cache LRU Register
0x0011
FLTADR
Faulting Address
0x4000
IN0P
Vector Load Pointer 0
0x0012
FLTTAG
Faulting Tag
0x4001
IN1P
Vector Load Pointer 1
0x0013
FLTDTL
Faulting Data (low)
0x4002
OUTP
Vector Store Pointer
0x0014
FLTDTH
Faulting Date (high)
MP pipeline registers
The MP uses a three-stage fetch, execute, access (FEA) pipeline. The primary pipeline registers are
manipulated implicitly by branch and trap instructions and are not accessible by the user. The exception and
emulation pipeline registers are user accessible as control registers. All pipeline registers are 32 bits.
Program Execution Mode
Normal
Exception
Emulation
Program Counter
PC
EPC
MPC
Instruction Pointer
IP
EIP
MIP
Instruction Register
IR
• Instruction register (IR) contains the instruction being
executed.
• Instruction pointer (IP) points to the instruction being
executed.
• Program counter (PC) points to the instruction being
fetched.
• Exception/emulator instruction pointer (EIP/MIP) points to the
instruction that would have been executed had the exception /
emulation trap not occurred.
• Exception/emulator program counter (EPC/MPC) points to the
instruction to be fetched on returning from the exception/emulation
trap.
Figure 9. MP FEA Pipeline Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com