Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 75 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 71Page - Texas Instruments TMS320C80GF Datasheet HTML 72Page - Texas Instruments TMS320C80GF Datasheet HTML 73Page - Texas Instruments TMS320C80GF Datasheet HTML 74Page - Texas Instruments TMS320C80GF Datasheet HTML 75Page - Texas Instruments TMS320C80GF Datasheet HTML 76Page - Texas Instruments TMS320C80GF Datasheet HTML 77Page - Texas Instruments TMS320C80GF Datasheet HTML 78Page - Texas Instruments TMS320C80GF Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
72
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
status codes (continued)
Table 30. Column-Time Status Codes
STATUS[5:0]
CYCLE TYPE
STATUS[5:0]
CYCLE TYPE
0 0 0 0 0 0
PP0 Low Priority Packet Transfer
1 0 0 0 0
0
Reserved
0 0 0 0 0 1
PP0 High Priority Packet Transfer
1 0 0 0 0
1
Reserved
0 0 0 0 1 0
PP0 Instruction Cache
1 0 0 0 1
0
Reserved
0 0 0 0 1 1
PP0 DEA
1 0 0 0 1
1
Reserved
0 0 0 1 0 0
PP1 Low Priority Packet Transfer
1 0 0 1 0
0
Reserved
0 0 0 1 0 1
PP1 High Priority Packet Transfer
1 0 0 1 0
1
Reserved
0 0 0 1 1 0
PP1 Instruction Cache
1 0 0 1 1
0
Reserved
0 0 0 1 1 1
PP1 DEA
1 0 0 1 1
1
Reserved
0 0 1 0 0 0
PP2 Low Priority Packet Transfer
1 0 1 0 0
0
Reserved
0 0 1 0 0 1
PP2 High Priority Packet Transfer
1 0 1 0 0
1
Reserved
0 0 1 0 1 0
PP2 Instruction Cache
1 0 1 0 1
0
Reserved
0 0 1 0 1 1
PP2 DEA
1 0 1 0 1
1
Reserved
0 0 1 1 0 0
PP3 Low Priority Packet Transfer
1 0 1 1 0
0
Reserved
0 0 1 1 0 1
PP3 High Priority Packet Transfer
1 0 1 1 0
1
Reserved
0 0 1 1 1 0
PP3 Instruction Cache
1 0 1 1 1
0
Reserved
0 0 1 1 1 1
PP3 DEA
1 0 1 1 1
1
Reserved
0 1 0 0 0 0
MP Low Priority Packet Transfer
1 1 0 0 0
0
Reserved
0 1 0 0 0 1
MP High Priority Packet Transfer
1 1 0 0 0
1
Reserved
0 1 0 0 1 0
MP Urgent Packet Transfer (Low)
1 1 0 0 1
0
Reserved
0 1 0 0 1 1
MP Urgent Packet Transfer (High)
1 1 0 0 1
1
Reserved
0 1 0 1 0 0
XPT / VCPT in Progress
1 1 0 1 0
0
Reserved
0 1 0 1 0 1
XPT / VCPT Complete
1 1 0 1 0
1
Reserved
0 1 0 1 1 0
MP Instruction Cache (Low)
1 1 0 1 1
0
Reserved
0 1 0 1 1 1
MP Instruction Cache (High)
1 1 0 1 1
1
Reserved
0 1 1 0 0 0
MP DEA (Low)
1 1 1 0 0
0
Reserved
0 1 1 0 0 1
MP DEA (High)
1 1 1 0 0
1
Reserved
0 1 1 0 1 0
MP Data Cache (Low)
1 1 1 0 1
0
Reserved
0 1 1 0 1 1
MP Data Cache (High)
1 1 1 0 1
1
Reserved
0 1 1 1 0 0
Frame 0
1 1 1 1 0
0
Reserved
0 1 1 1 0 1
Frame 1
1 1 1 1 0
1
Reserved
0 1 1 1 1 0
Refresh
1 1 1 1 1
0
Reserved
0 1 1 1 1 1
Idle
1 1 1 1 1
1
Write Drain / SDRAM DCAB
Low – MP operating in low (normal) priority mode
High – MP operating in high priority mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com