Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 52Page - Texas Instruments TMS320C80GF Datasheet HTML 53Page - Texas Instruments TMS320C80GF Datasheet HTML 54Page - Texas Instruments TMS320C80GF Datasheet HTML 55Page - Texas Instruments TMS320C80GF Datasheet HTML 56Page - Texas Instruments TMS320C80GF Datasheet HTML 57Page - Texas Instruments TMS320C80GF Datasheet HTML 58Page - Texas Instruments TMS320C80GF Datasheet HTML 59Page - Texas Instruments TMS320C80GF Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
53
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PP opcode formats (continued)
Table 12. Data Unit Mnemonics
MNEMONIC
FUNCTION
A
A = 1 selects arithmetic operations, A = 0 selects Boolean operations
ALU Operation
For Boolean operation (A = 0) select the 8 ALU function signals. For arithmetic operation (A = 1), odd bits specify the ALU
function and even bits define the ALU function modifiers.
class
Operation class, determines routing of ALU operands
cond
condition code
dst
D register destination or lower 3 bits of non-D register code
dst1
ALU dest. for MPY||ADD, MPY||EALU, or EALU||ROTATE operation. D register or lower 3 bits of non-D register code
dst2
Multiply dest. for MPY||ADD or MPY||EALU operation or rotate dest. for EALU||ROTATE operation. D register
dstbank
ALU register bank
imm.src2
5-bit immediate for src2 of ALU operation
32-Bit Immediate
32-bit immediate for src2 of ALU operation
oper
Six-operand data unit operation (MPY||ADD, MPY||SADD, MPY||EALU, EALU||ROTATE, divi)
Operation
Miscellaneous operation
src1
ALU source 1 register code (D register unless srcbank or s1bank is used)
src2
D register used as ALU source 2
src3
D register for multiplier source (MPY||ADD or MPY||EALU) or rotate amount (EALU||ROTATE)
src4
D reg for ALU C port operand or EALU||ROTATE mask generator input or multiplier source 2 for MPY||ADD, MPY||EALU
s1bnk
Bits 5-3 of src1 register code (bit 6 assumed to be 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com