Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 38Page - Texas Instruments TMS320C80GF Datasheet HTML 39Page - Texas Instruments TMS320C80GF Datasheet HTML 40Page - Texas Instruments TMS320C80GF Datasheet HTML 41Page - Texas Instruments TMS320C80GF Datasheet HTML 42Page - Texas Instruments TMS320C80GF Datasheet HTML 43Page - Texas Instruments TMS320C80GF Datasheet HTML 44Page - Texas Instruments TMS320C80GF Datasheet HTML 45Page - Texas Instruments TMS320C80GF Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
index registers
The six 32-bit index registers contain index values for use with the address registers in address computations
or they can be used for general-purpose data. Registers x0 – x2 are used by the local-address unit and registers
x8 – x10 are used by the global-address unit.
stack pointer (sp)
The sp contains the address of the bottom of the PP’s system stack. The stack pointer is addressed as a6 by
the local-address unit and as a14 by the global-address unit. Figure 27 shows the sp register format.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Word-Aligned Address
0
0
Figure 27. sp Register Format
zero register
The zero registers are read-as-zero address registers for the local address unit (a7) and global-address unit
(a15). Writes to the registers are ignored and can be specified when operational results are to be discarded.
Figure 28 shows the zero register format.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Figure 28. zero Registers
PP program flow control (PFC) unit registers
loop registers
The loop registers control three levels of zero-overhead loops. The 32-bit loop start registers (ls0 – ls2) and
loop-end registers (le0 – le2) contain the starting and ending addresses for the loops. The loop-counter registers
(lc0 – lc2) contain the number of repetitions remaining in their associated loops. The lr0 – lr2 registers are loop
reload registers used to support nested loops. The format for the loop-control (lctl) register is shown in Figure 29.
There are also six special write-only mappings of the loop-reload registers. The lrs0 – lrs2 codes are used for
fast initialization of ls
n, lrn, and lcn registers for multi-instruction loops while the lrse0 – lrse2 codes are used
for single instruction-loop fast initialization.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
E
LCD2
E
LCD1
E
LCD0
E
LCDn
Loop End Enable
Loop Counter Designator
000 – None
010 – lc1
001 – lc0
011 – lc2
1xx – reserved
le2
le1
le0
Figure 29. lctl Register
pipeline registers
The PFC unit contains a pointer to each stage of the PP pipeline. The pc contains the program counter which
points to the instruction being fetched. The ipa points to the instruction in the address stage of the pipeline and
the ipe points to the instruction in the execute stage of the pipeline. The instruction pointer
return-from-subroutine (iprs) register contains the return address for a subroutine call. Figure 30 shows the
variable pipeline register format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com