Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 110 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 110 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 106Page - Texas Instruments TMS320C80GF Datasheet HTML 107Page - Texas Instruments TMS320C80GF Datasheet HTML 108Page - Texas Instruments TMS320C80GF Datasheet HTML 109Page - Texas Instruments TMS320C80GF Datasheet HTML 110Page - Texas Instruments TMS320C80GF Datasheet HTML 111Page - Texas Instruments TMS320C80GF Datasheet HTML 112Page - Texas Instruments TMS320C80GF Datasheet HTML 113Page - Texas Instruments TMS320C80GF Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
107
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
refresh cycles
Refresh cycles are generated by the TC at the programmed refresh interval. They are characterized by the
following signal activity:
D CAS falls prior to RAS.
D All CAS pins (CAS/DQM[7:0]) are active.
D TRG, W, and DBEN all remain inactive (high) because no data transfer occurs.
D DSF remains inactive (low).
D The data bus is driven to the high-impedance state.
D The upper half of the address bus (A[31:16]) contains the refresh pseudo-address and the lower half
(A[15:0]) is driven to all zeros.
D If RETRY is asserted at any sample point during the cycle, the cycle timing is not modified. Instead, the
pseudo-address and backlog counters are simply not decremented.
D Selecting user-modified timing has no effect on the cycles.
D Upon completion of the refresh cycle, the memory interface returns to state r1 to await the next access.
See Figure 88 through Figure 90 for refresh cycle timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com