Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 119 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 115Page - Texas Instruments TMS320C80GF Datasheet HTML 116Page - Texas Instruments TMS320C80GF Datasheet HTML 117Page - Texas Instruments TMS320C80GF Datasheet HTML 118Page - Texas Instruments TMS320C80GF Datasheet HTML 119Page - Texas Instruments TMS320C80GF Datasheet HTML 120Page - Texas Instruments TMS320C80GF Datasheet HTML 121Page - Texas Instruments TMS320C80GF Datasheet HTML 122Page - Texas Instruments TMS320C80GF Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
116
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SDRAM read cycles
Read cycles begin with an activate (ACTV) command to activate the bank and to select the row. The TC outputs
the column address and activates the TRG / CAS strobe for each read command. For burst length 1 accesses,
a read command can occur on each cycle. For burst-length 2 accesses, a read command can occur every two
cycles. The TC places D[63:0] into the high-impedance state, allowing it to be driven by the memory, and latches
input data during the appropriate column state. The TC always reads 64 bits and extracts and aligns the
appropriate bytes. Invalid bytes for bus sizes of less than 64 bits are discarded. The CAS / DQM strobes are
activated two cycles before input data is latched. If the second column in a burst is not required, then CAS / DQM
is not activated. During peripheral device packet transfers, DBEN remains high (see Figure 94 through
Figure 99).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com