Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U375CE Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 40Page - STMicroelectronics STM32U375CE Datasheet HTML 41Page - STMicroelectronics STM32U375CE Datasheet HTML 42Page - STMicroelectronics STM32U375CE Datasheet HTML 43Page - STMicroelectronics STM32U375CE Datasheet HTML 44Page - STMicroelectronics STM32U375CE Datasheet HTML 45Page - STMicroelectronics STM32U375CE Datasheet HTML 46Page - STMicroelectronics STM32U375CE Datasheet HTML 47Page - STMicroelectronics STM32U375CE Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 222 page
background image
•
Frame-level management, when controller:
–
Software-triggered or hardware-triggered transfer
–
Optional C-FIFO and TX-FIFO preload
–
Multiple messages encapsulation
–
Optional arbitrable header generation on the I3C bus
–
HDR exit pattern generation on the I3C bus for error recovery
•
Programmable bus timing, when controller:
–
SCL high and low period
–
SDA hold time
–
Bus free (minimum) time
–
Bus available/idle condition time
–
Clock stall time
•
Target-initiated requests management:
–
Simultaneous support up to four targets, when controller
–
In-band interrupts, with programmable IBI payload (up to 4 bytes), with pending read notification
support
–
Bus control request, with recovery flow support and hand-off delay
–
Hot-join mechanism
•
HDR exit pattern detection, when target
•
Bus error management:
–
CEx with x = 0, 1, 2, 3 when controller
–
TEx with x = 0, 1, ..., 6 when target
–
Bus control switch error and recovery
–
Target reset
•
Individual programmable event-based management:
–
Per-event identification with flag reporting and clear control
–
Host application notification via flag polling, and/or via interrupt with a per-event programmable
enable
–
Error type identification
•
Wake-up from Stop mode(s), as controller:
–
On an in-band interrupt without payload
–
On a hot-join request
–
On a controller-role request
•
Wake-up from Stop mode(s), as target:
–
On a reset pattern
–
On a missed start
•
Wake-up from Standby and Shutdown modes on a target reset pattern
•
Autonomous mode and transfers during Stop mode(s) with DMA
•
Multiclock domain management:
–
Separate APB clock and kernel clock, driven from independently programmed clock sources via the
RCC, in addition to SCL clock
–
Minimum operating frequency for the kernel clock and the APB clock vs. the application-driven SCL
clock
Table 14. I3C peripheral controller/target features versus MIPI® v1.1
Feature
MIPI® I3C
v1.1
I3C peripheral
Comments
When controller When target
I3C SDR message
X
X
X
-
STM32U375xx
Functional overview
DS14861 - Rev 2
page 44/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com