Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U375CE Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 44Page - STMicroelectronics STM32U375CE Datasheet HTML 45Page - STMicroelectronics STM32U375CE Datasheet HTML 46Page - STMicroelectronics STM32U375CE Datasheet HTML 47Page - STMicroelectronics STM32U375CE Datasheet HTML 48Page - STMicroelectronics STM32U375CE Datasheet HTML 49Page - STMicroelectronics STM32U375CE Datasheet HTML 50Page - STMicroelectronics STM32U375CE Datasheet HTML 51Page - STMicroelectronics STM32U375CE Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 222 page
background image
1. X = supported.
3.37
Serial peripheral interface (SPI)
The devices embed three serial peripheral interfaces (SPI) that can be used to communicate with external
devices while using the specific synchronous protocol. The SPI protocol supports half-duplex, full-duplex, and
simplex synchronous, serial communication with external devices.
The interface can be configured as master or slave and can operate in multislave or multimaster configurations.
The device configured as master provides communication clock (SCK) to the slave device. The slave select (SS)
and ready (RDY) signals can be applied optionally just to setup communication with concrete slave and to assure
it handles the data flow properly. The Motorola® data format is used by default, but some other specific modes
are supported as well.
The SPI main features are:
•
Full-duplex synchronous transfers on three lines
•
Half-duplex synchronous transfer on two lines (with bidirectional data line)
•
Simplex synchronous transfers on two lines (with unidirectional data line)
•
From 4-bit up to 32-bit data size selection or fixed to multiply of 8-bit
•
Multimaster or multislave mode capability
•
Dual-clock domain, separated clock for the peripheral kernel that can be independent of APB bus clock
•
Baud rate prescaler up to kernel frequency/2 or bypass from RCC in Master mode
•
Protection of configuration and setting
•
Hardware or software management of SS for both master and slave
•
Adjustable minimum delays between data and between SS and data flow
•
Configurable SS signal polarity and timing, MISO x MOSI swap capability
•
Programmable clock polarity and phase
•
Programmable data order with MSB-first or LSB-first shifting
•
Programmable number of data within a transaction to control SS and CRC
•
Dedicated transmission and reception flags with interrupt capability
•
SPI Motorola® and Texas Instruments® formats support
•
Hardware CRC feature can secure communication at the end of transaction by:
–
Adding CRC value in Tx mode
–
Automatic CRC error checking for Rx mode
•
Error detection with interrupt capability in case of data overrun, CRC error, data underrun, the mode fault
and frame error at dependency on the operating mode
•
Two multiples of 8-bit embedded Rx and Tx FIFOs (FIFO size depends on instance)
•
Configurable FIFO thresholds (data packing)
•
Capability to handle data streams by system DMA controller
•
Configurable behavior at slave underrun condition (support of cascaded circular buffers)
•
Autonomous functionality in Stop modes (handling of the transaction flow and required clock distribution)
with wake-up from stop capability
•
Optional status pin RDY signalizing the slave device ready to handle the data flow.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 48/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com