Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 25Page - Texas Instruments TMS320VC5505 Datasheet HTML 26Page - Texas Instruments TMS320VC5505 Datasheet HTML 27Page - Texas Instruments TMS320VC5505 Datasheet HTML 28Page - Texas Instruments TMS320VC5505 Datasheet HTML 29Page - Texas Instruments TMS320VC5505 Datasheet HTML 30Page - Texas Instruments TMS320VC5505 Datasheet HTML 31Page - Texas Instruments TMS320VC5505 Datasheet HTML 32Page - Texas Instruments TMS320VC5505 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
Table 3-17. 10-Bit SAR ADC Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
SAR ADC
GPAIN0: General -Purpose Output and Analog Input pin 0. This pin is demuxed
internally into ADC Channels 0, 1, & 2. GPAIN0 can also be used as a
general-purpose open-drain output. This pin is unique among the GPAIN pins in that
it is the only pin that is 3.6 V-tolerant to support measuring a battery voltage.
GPAIN0
D10
I/O
VDDA_ANA
GPAIN0 can accommodate input voltages from 0 V to 3.6 V; although, the ADC is
unable to accept signals greater than VDDA_ANA without clamping. ADC Channel 1 is
capable of switching in an internal resistor divider that has a divide ratio of
approximately 1/8.
GPAIN1: General -Purpose Output and Analog Input pin 1. This pin is connected to
ADC Channel 3. GPAIN1 can be used as a general-purpose output if certain
requirements are met (see Note: below). GPAIN1 can accommodate input voltages
from 0 V to VDDA_ANA.
Note: If the ANA_LDO is used to supply power to VDDA_ANA, this pin must not be
GPAIN1
A11
I/O
VDDA_ANA
used as a general-purpose output (driving high) since the max current capability
(see the ISD parameter in Section 5.3, Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Temperature) of the ANA_LDO can be
exceeded. Doing so may result in the on-chip power-on reset (POR) resetting the
chip.
GPAIN2: General -Purpose Output and Analog Input pin 2. This pin is connected to
ADC Channel 4. GPAIN2 can be used as a general-purpose output if certain
requirements are met (see Note: below). GPAIN2 can accommodate input voltages
from 0 V to VDDA_ANA.
GPAIN2
B11
I/O
VDDA_ANA
Note: If the ANA_LDO is used to supply power to VDDA_ANA, this pin must not be
used as a general-purpose output (driving high) since the max current capability
(see the ISD parameter in Section 5.3, Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Temperature) of the ANA_LDO can be
exceeded. Doing so may result in the on-chip POR resetting the chip.
GPAIN3: General -Purpose Output and Analog Input pin 3. This pin is connected to
ADC Channel 5. GPAIN3 can be used as a general-purpose output if certain
requirements are met (see Note: below). GPAIN3 can accommodate input voltages
from 0 V to VDDA_ANA.
GPAIN3
C11
I/O
VDDA_ANA
Note: If the ANA_LDO is used to supply power to VDDA_ANA, this pin must not be
used as a general-purpose output (driving high) since the max current capability
(see the ISD parameter in Section 5.3, Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Temperature) of the ANA_LDO can be
exceeded. Doing so may result in the on-chip POR resetting the chip.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2009–2010, Texas Instruments Incorporated
Device Overview
29
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com