Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 17Page - Texas Instruments TMS320VC5505 Datasheet HTML 18Page - Texas Instruments TMS320VC5505 Datasheet HTML 19Page - Texas Instruments TMS320VC5505 Datasheet HTML 20Page - Texas Instruments TMS320VC5505 Datasheet HTML 21Page - Texas Instruments TMS320VC5505 Datasheet HTML 22Page - Texas Instruments TMS320VC5505 Datasheet HTML 23Page - Texas Instruments TMS320VC5505 Datasheet HTML 24Page - Texas Instruments TMS320VC5505 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
Table 3-9. Inter-Integrated Circuit (I2C) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
I2C
This pin is the I2C clock output. Per the I2C standard, an external pullup is required
SCL
B7
I/O/Z
DVDDIO
on this pin.
This pin is the I2C bidirectional data signal. Per the I2C standard, an external pullup
SDA
B8
I/O/Z
DVDDIO
is required on this pin.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Table 3-10. Inter-IC Sound (I2S0 – I2S3) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
Interface 0 (I2S0)
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_D0/
IPD
For I2S, it is I2S0 transmit data output I2S0_DX.
I2S0_DX/
L9
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[2]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_CLK/
IPD
For I2S, it is I2S0 clock input/output I2S0_CLK.
I2S0_CLK/
L10
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[0]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_D1/
IPD
For I2S, it is I2S0 receive data input I2S0_RX.
I2S0_RX/
M10
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[3]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_CMD/
IPD
For I2S, it is I2S0 frame synchronization input/output I2S0_FS.
I2S0_FS/
M11
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[1]
enabled or disabled via the PDINHIBR1 register.
Interface 1 (I2S1)
This pin is multiplexed between MMC1, I2S1, and GPIO.
MMC1_D0/
IPD
For I2S, it is I2S1 transmit data output I2S1_DX.
I2S1_DX/
M14
I/O/Z
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
GP[8]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC1, I2S1, and GPIO.
MMC1_CLK/
IPD
For I2S, it is I2S1 clock input/output I2S1_CLK.
I2S1_CLK/
M13
I/O/Z
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
GP[6]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC1, I2S1, and GPIO.
MMC1_D1/
IPD
For I2S, it is I2S1 receive data input I2S1_RX.
I2S1_RX/
M12
I/O/Z
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
GP[9]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed betweenn MMC1, I2S2, and GPIO.
MMC1_CMD/
IPD
For I2S, it is I2S1 frame synchronization input/output I2S1_FS.
I2S1_FS/
L14
I/O/Z
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
GP[7]
enabled or disabled via the PDINHIBR1 register.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2009–2010, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com