Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 80Page - Texas Instruments TMS320VC5505 Datasheet HTML 81Page - Texas Instruments TMS320VC5505 Datasheet HTML 82Page - Texas Instruments TMS320VC5505 Datasheet HTML 83Page - Texas Instruments TMS320VC5505 Datasheet HTML 84Page - Texas Instruments TMS320VC5505 Datasheet HTML 85Page - Texas Instruments TMS320VC5505 Datasheet HTML 86Page - Texas Instruments TMS320VC5505 Datasheet HTML 87Page - Texas Instruments TMS320VC5505 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 135 page
background image
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
Table 6-16. MMC/SD0 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
3A00h
MMCCTL
MMC Control Register
3A04h
MMCCLK
MMC Memory Clock Control Register
3A08h
MMCST0
MMC Status Register 0
3A0Ch
MMCST1
MMC Status Register 1
3A10h
MMCIM
MMC Interrupt Mask Register
3A14h
MMCTOR
MMC Response Time-Out Register
3A18h
MMCTOD
MMC Data Read Time-Out Register
3A1Ch
MMCBLEN
MMC Block Length Register
3A20h
MMCNBLK
MMC Number of Blocks Register
3A24h
MMCNBLC
MMC Number of Blocks Counter Register
3A28h
MMCDRR1
MMC Data Receive 1 Register
3A29h
MMCDRR2
MMC Data Receive 2 Register
3A2Ch
MMCDXR1
MMC Data Transmit 1 Register
3A2Dh
MMCDXR2
MMC Data Transmit 2 Register
3A30h
MMCCMD
MMC Command Register
3A34h
MMCARGHL
MMC Argument Register
3A38h
MMCRSP0
MMC Response Register 0
3A39h
MMCRSP1
MMC Response Register 1
3A3Ch
MMCRSP2
MMC Response Register 2
3A3Dh
MMCRSP3
MMC Response Register 3
3A40h
MMCRSP4
MMC Response Register 4
3A41h
MMCRSP5
MMC Response Register 5
3A44h
MMCRSP6
MMC Response Register 6
3A45h
MMCRSP7
MMC Response Register 7
3A48h
MMCDRSP
MMC Data Response Register
3A50h
MMCCIDX
MMC Command Index Register
3A64h – 3A70h
–
Reserved
3A74h
MMCFIFOCTL
MMC FIFO Control Register
84
Peripheral Information and Electrical Specifications
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com